Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT138 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 74FCT138
Description  FAST CMOS 1-OF-8 DECODER WITH ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT138 Datasheet(HTML) 6 Page - Integrated Device Technology

  74FCT138 Datasheet HTML 1Page - Integrated Device Technology 74FCT138 Datasheet HTML 2Page - Integrated Device Technology 74FCT138 Datasheet HTML 3Page - Integrated Device Technology 74FCT138 Datasheet HTML 4Page - Integrated Device Technology 74FCT138 Datasheet HTML 5Page - Integrated Device Technology 74FCT138 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7.3
6
IDT54/74FCT138/A/C
FAST CMOS 1-OF-8 DECODER-WITH ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
Plastic DIP
CERDIP
Small Outline IC
CERPACK
Leadless Chip Carrier
P
D
SO
E
L
Temperature
Range
X
Device
Type
X
Package
X
Process
Blank
B
Commercial
MIL-STD-883, Class B
XX
IDT
FCT
138
138A
138C
1-of-8 Decoder
Fast 1-of-8 Decoder
Super Fast 1-of-8 Decoder
54
74
–55
°C to +125°C
0
°C to +70°C
2581 drw 03



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com