Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT138 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 74FCT138
Description  FAST CMOS 1-OF-8 DECODER WITH ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT138 Datasheet(HTML) 2 Page - Integrated Device Technology

  74FCT138 Datasheet HTML 1Page - Integrated Device Technology 74FCT138 Datasheet HTML 2Page - Integrated Device Technology 74FCT138 Datasheet HTML 3Page - Integrated Device Technology 74FCT138 Datasheet HTML 4Page - Integrated Device Technology 74FCT138 Datasheet HTML 5Page - Integrated Device Technology 74FCT138 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7.3
2
IDT54/74FCT138/A/C
FAST CMOS 1-OF-8 DECODER-WITH ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN DESCRIPTION
Pin Names
Description
A0–A2
Address Inputs
E1, E2
Enable Inputs (Active LOW)
E3
Enable Input (Active HIGH)
O0–O7
Outputs (Active LOW)
2581 tbl 05
FUNCTION TABLE
Inputs
Outputs
EE1
EE2
E3
A0
A1
A2
O
O0
O
O1
O2
O
O3
O
O4
O
O5
O
O6
O
O7
H
X
X
X
X
X
H
H
H
HHH
HH
X
H
X
X
X
X
H
H
H
HHH
HH
X
X
L
X
X
X
H
H
H
HHH
HH
L
L
H
L
L
L
L
H
H
HHH
HH
L
L
HH
L
L
H
L
H
HHH
HH
L
L
H
L
H
L
H
H
L
HHH
HH
L
L
HH
H
L
H
H
H
L
HH
HH
L
L
HL
LH
H
H
H
H
LH
H
H
L
L
HH
L
H
H
H
H
H
H
L
HH
L
L
H
L
HH
H
H
H
HHH
L
H
L
L
HH
HH
H
H
H
HHH
H
L
2581 tbl 06
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
VTERM
(3) Terminal Voltage
–0.5 to VCC
–0.5 to VCC
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
NOTES:
2581 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage
may exceed VCC by +0.5V unless otherwise noted.
2. Inputs and VCC terminals only.
3. Outputs and I/O terminals only.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Typ. Max. Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance VOUT = 0V
8
12
pF
NOTE:
2581 tbl 02
1. This parameter is guaranteed characterization data and not tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com