Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT373AP Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT373AP
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT373AP Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT373AP Datasheet HTML 1Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 2Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 3Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 4Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 5Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 6Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 7Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7.12
5
IDT54/74FCT373/533/573/A/C
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
NOTES:
2602 tbl 04
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
VIN
≥ VHC; V IN ≤ VLC
—
0.2
1.5
mA
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
—
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
OE = GND
One Input Toggling
50% Duty Cycle
VIN
≥ VHC
VIN
≤ VLC
—
0.15
0.25
mA/
MHz
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
fi = 10MHz
VIN
≥ VHC
VIN
≤ VLC
(FCT)
—
1.7
4.0
mA
50% Duty Cycle
OE = GND
LE = VCC
One Bit Toggling
VIN = 3.4V
VIN = GND
—
2.0
5.0
VCC = Max.
Outputs Open
fi = 2.5MHz
VIN
≥ VHC
VIN
≤ VLC
(FCT)
—
3.2
6.5(5)
50% Duty Cycle
OE = GND
LE = VCC
Eight Bits Toggling
VIN = 3.4V
VIN = GND
—
5.2
14.5(5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com