Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT373AP Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT373AP
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT373AP Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT373AP Datasheet HTML 1Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 2Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 3Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 4Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 5Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 6Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 7Page - Integrated Device Technology IDT74FCT373AP Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.12
DSC-4624/2
®
FEATURES
• IDT54/74FCT373/533/573 equivalent to FAST
™ speed
and drive
• IDT54/74FCT373A/533A/573A up to 30% faster than
FAST
• Equivalent to FAST output drive over full temperature
and voltage supply extremes
•IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• Octal transparent latch with 3-state output control
• JEDEC standard pinout for DIP and LCC
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION
The IDT54/74FCT373/A/C, IDT54/74FCT533/A/C and
IDT54/74FCT573/A/C are octal transparent latches built us-
ing an advanced dual metal CMOS technology. These octal
latches have 3-state outputs and are intended for bus oriented
applications. The flip-flops appear transparent to the data
when Latch Enable (LE) is HIGH. When LE is LOW, the data
that meets the set-up time is latched. Data appears on the bus
when the Output Enable (
OE) is LOW. When OE is HIGH, the
bus output is in the high-impedance state.
2602 cnv* 02
FAST CMOS OCTAL
TRANSPARENT LATCHES
IDT54/74FCT373/A/C
IDT54/74FCT533/A/C
IDT54/74FCT573/A/C
FUNCTIONAL BLOCK DIAGRAMS
IDT54/74FCT373 AND IDT54/74FCT573
IDT54/74FCT533
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a trademark of National Semiconductor Co.
2602 cnv* 01
D0
D
O
G
O0
D1
D
O
G
O1
D2
D
O
G
O2
D3
D
O
G
O3
D4
D
O
G
O4
D5
D
O
G
O5
D6
D
O
G
O6
D7
D
O
G
O7
LE
OE
D0
D
O
G
O0
D1
D
O
G
O1
D2
D
O
G
O2
D3
D
O
G
O3
D4
D
O
G
O4
D5
D
O
G
O5
D6
D
O
G
O6
D7
D
O
G
O7
LE
OE
1


Similar Part No. - IDT74FCT373AP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT373ASO IDT-IDT74FCT373ASO Datasheet
74Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT373AT IDT-IDT74FCT373AT Datasheet
182Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT74FCT373AP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
3.3V CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
logo
Pericom Semiconductor C...
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
Fast CMOS 16-Bit Transparent Latches
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
FAST CMOS OCTAL TRANSPARENT LATCH
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
Octal Transparent Latches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com