Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # BZX84C
Description  SOT-23 SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

BZX84C Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  BZX84C Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. BZX84C Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. BZX84C Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
■ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
(T
(T
(T
A
A
A
A
=
=
=
=
25
25
25
25
℃ unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
noted
noted
noted
noted
如無特殊說明,溫度爲 25℃)))
)
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
WORK
WORK
WORK
WORK
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
V
V
V
V
Z
Z
Z
Z
(V)
(V)
(V)
(V)
DIFFERENTIAL RESISTANCE
rdif(Ω)
TEMP. COEFF.
SZ(mV/K)
Marking
TEST
TEST
TEST
TEST
CONDITION
CONDITION
CONDITION
CONDITION
III
I
Z
Z
Z
Z
=5mA
=5mA
=5mA
=5mA
III
I
Z
Z
Z
Z
=1mA
=1mA
=1mA
=1mA
III
I
Z
Z
Z
Z
=5mA
=5mA
=5mA
=5mA
III
I
Z
Z
Z
Z
=5mA
=5mA
=5mA
=5mA
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
BZX84C3V0
2.8
3.2
325
600
80
95
-3.5
-2.1
0
Z13
BZX84C3V3
3.1
3.5
350
600
85
95
-3.5
-2.4
0
Z14
BZX84C3V6
3.4
3.8
375
600
85
90
-3.5
-2.4
0
Z15
BZX84C3V9
3.7
4.1
400
600
85
90
-3.5
-2.5
0
Z16
BZX84C4V3
4.0
4.6
400
600
85
90
-3.5
-2.5
0
Z17
BZX84C4V7
4.4
5.0
410
600
80
90
-3.5
-2.5
0
Z1
BZX84C5V1
4.8
5.4
425
500
50
80
-3.5
-1.4
0.2
Z2
BZX84C5V6
5.2
6.0
400
480
40
60
-2.7
-0.8
1.2
Z3
BZX84C6V2
5.8
6.6
80
400
15
40
-2.0
1.2
2.5
Z4
BZX84C6V8
6.4
7.2
40
150
6
10
0.4
2.3
3.7
Z5
BZX84C7V5
7.0
7.9
30
80
6
15
1.2
3.0
4.5
Z6
BZX84C8V2
7.7
8.7
30
80
6
15
2.5
4.0
5.3
Z7
BZX84C9V1
8.5
9.6
40
80
6
15
3.2
4.6
6.2
Z8
BZX84C10
9.4
10.6
40
100
6
15
3.8
5.5
7.0
Z9
BZX84C11
10.4
11.6
50
150
8
20
4.5
6.4
8.0
Y1
BZX84C12
11.4
12.7
50
150
10
20
5.4
7.4
9.0
Y2
BZX84C13
12.4
14.1
50
150
10
25
6.0
8.4
10.0
Y3
BZX84C15
13.8
15.6
50
170
10
30
7.0
9.4
11.0
Y4
BZX84C16
15.3
17.1
50
200
10
30
9.2
11.4
13.0
Y5
BZX84C18
16.8
19.1
50
200
10
40
10.4
12.4
14.0
Y6
BZX84C20
18.8
21.2
50
225
10
45
12.4
14.4
16.0
Y7
BZX84C22
20.8
23.3
60
225
15
55
14.4
16.4
18.0
Y8
BZX84C24
22.8
25.6
60
250
20
55
16.4
18.4
20.0
Y9
TEST
TEST
TEST
TEST
CONDITION
CONDITION
CONDITION
CONDITION
III
I
Z
Z
Z
Z
=2mA
=2mA
=2mA
=2mA
III
I
Z
Z
Z
Z
=0.5mA
=0.5mA
=0.5mA
=0.5mA
III
I
Z
Z
Z
Z
=2mA
=2mA
=2mA
=2mA
III
I
Z
Z
Z
Z
=2mA
=2mA
=2mA
=2mA
BZX84C27
25.1
28.9
65
300
25
80
21.4
23.4
25.3
Y10
BZX84C30
28.0
32.0
70
300
30
80
24.4
26.6
29.4
Y11
BZX84C33
31.0
35.0
75
325
35
80
27.4
29.7
33.4
Y12
BZX84C36
34.0
38.0
80
350
35
90
30.4
33.0
37.4
Y13
BZX84C39
37.0
41.0
80
350
40
130
33.4
36.4
41.2
Y14
BZX84C43
40.0
46.0
85
375
45
150
37.6
41.2
46.6
Y15
BZX84C47
44.0
50.0
85
375
50
170
42.0
46.1
51.8
Y16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com