Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # BZX84C
Description  SOT-23 SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

BZX84C Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  BZX84C Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. BZX84C Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. BZX84C Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
BZX84C3V0-C47
SOT-23
SOT-23
SOT-23
SOT-23
SURFACE
SURFACE
SURFACE
SURFACE
MOUNT
MOUNT
MOUNT
MOUNT
ZENER
ZENER
ZENER
ZENER
DIODE
DIODE
DIODE
DIODE
表面貼裝穩壓二極管
■FEATURES
FEATURES
FEATURES
FEATURES
特點
■SOT-23
SOT-23
SOT-23
SOT-23
INTERNAL
INTERNAL
INTERNAL
INTERNAL
CONFIGURATION
CONFIGURATION
CONFIGURATION
CONFIGURATION
內部結構
1
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit
單位
Power dissipation
耗散功率
PD
(Ta=25℃)
300
mW
Forward Current
正向電流
IF
250
mA
Forward Voltage
正向電壓
VF
(@ IF=10mA)
0.9
V
Reverse Voltage
反向電壓
VZ
3-47
V
Junctoin and Storage Temperature
結溫和儲藏溫度
TJ,Tstg
125℃,-55to+125℃
3
3
3
3
2
2
2
2
111
1


Similar Part No. - BZX84C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C RECTRON-BZX84C Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C FAIRCHILD-BZX84C Datasheet
197Kb / 6P
Series Zeners
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Continental Device Indi...
BZX84C CDIL-BZX84C Datasheet
111Kb / 4P
SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results

Similar Description - BZX84C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBZ5221B RECTRON-CMBZ5221B Datasheet
21Kb / 2P
5% SOT-23 SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
logo
Rectron Semiconductor
BAS70 RECTRON-BAS70 Datasheet
154Kb / 3P
SOT-23 SURFACE MOUNT SCHOTTKY DIODE
CZMK4V7 RECTRON-CZMK4V7 Datasheet
33Kb / 1P
SOT-23 DUAL ZENER DIODE (Common Cathode)
logo
Guilin Strong Micro-Ele...
BZX84C3V0-C47 GSME-BZX84C3V0-C47 Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
logo
ON Semiconductor
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com