Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD688 Datasheet(PDF) 11 Page - Analog Devices

Part # AD688
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices AD688 Datasheet HTML 9Page - Analog Devices AD688 Datasheet HTML 10Page - Analog Devices AD688 Datasheet HTML 11Page - Analog Devices AD688 Datasheet HTML 12Page - Analog Devices AD688 Datasheet HTML 13Page - Analog Devices AD688 Datasheet HTML 14Page - Analog Devices AD688 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD688
Rev. B | Page 11 of 16
DYNAMIC PERFORMANCE
The output buffer amplifiers (A3 and A4) are designed to
provide the AD688 with static and dynamic load regulation
superior to less complete references.
Many A/D and D/A converters present transient current loads
to the reference, and poor reference response can degrade the
converter’s performance.
Figure 20, Figure 21, and Figure 22 display the characteristic of
the AD688 output amplifier driving a 0 mA to 10 mA load.
10V
A3 OR A4
VOUT
IL
1k
Ω
10V
0V
VL
Figure 20. Transient Load Test Circuit
VOUT
VL
200mV
5V
500ns
100
90
10
Figure 21. Large-Scale Transient Response
100
90
10
0%
1mV
5V
2
µs
VOUT
VL
Figure 22. Fine-Scale Settling for Transient Load
Figure 23 and Figure 24 display the output amplifier
characteristic driving a 5 mA to 10 mA load, a common
situation found when the reference is shared among multiple
converters or is used to provide bipolar offset current.
10V
A3 OR A4
VOUT
IL
10V
0V
VL
+
–
2k
Ω
2k
Ω
Figure 23. Transient and Constant Load Test Circuit
100
90
10
0%
1mV
200mV
1
µs
VOUT
200mV/
CM
VOUT
1mV/CM
5V
VL
Figure 24. Transient Response 5 mA to 10 mA Load
In some applications, a varying load may be both resistive and
capacitive in nature, or may be connected to the AD688 by a
long capacitive cable. Figure 25 and Figure 26 display the output
amplifier characteristics driving a 1000 pF, 0 mA to 10 mA load.
10V
VOUT
10V
0V
VL
1k
Ω
1000pF
CL
Figure 25. Capacitive Load Transient Response Test Circuit
100
90
10
0%
5V
200mV
1
µs
CL = 0
CL =
1000pF
VL
Figure 26. Output Response with Capacitive Load
Figure 27 and Figure 28 display the crosstalk between output
amplifiers. The top trace shows the output of A4, dc-coupled
and offset by 10 V, while the output of A3 is subjected to a 0 mA
to 10 mA load current step. The transient at A4 settles in about
1 µs, and the load-induced offset is about 100 µV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com