Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD688 Datasheet(PDF) 12 Page - Analog Devices

Part # AD688
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD688 Datasheet HTML 8Page - Analog Devices AD688 Datasheet HTML 9Page - Analog Devices AD688 Datasheet HTML 10Page - Analog Devices AD688 Datasheet HTML 11Page - Analog Devices AD688 Datasheet HTML 12Page - Analog Devices AD688 Datasheet HTML 13Page - Analog Devices AD688 Datasheet HTML 14Page - Analog Devices AD688 Datasheet HTML 15Page - Analog Devices AD688 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD688
Rev. B | Page 12 of 16
10V
0V
VL
1k
Ω
10V
VOUT
10V
A4
A3
+
–
+
–
Figure 27. Load Crosstalk Test Circuit
100
90
10
0%
1mV
5V
2
µs
VOUT
VL
Figure 28. Load Crosstalk
Attempts to drive a large capacitive load (in excess of 1000 pF)
may result in ringing or oscillation, as shown in the step
response photo (Figure 29). This is due to the additional pole
formed by the load capacitance and the output impedance of
the amplifier, which consumes phase margin. The recom-
mended method of driving capacitive loads of this magnitude is
shown in Figure 30. The 150 Ω resistor isolates the capacitive
load from the output stage, while the 10 kΩ resistor provides a
dc feedback path and preserves the output accuracy. The 1 µF
capacitor provides a high frequency feedback loop. The
performance of this circuit is shown in Figure 31.
100
90
10
0%
10V
1V
200
µs
VIN
VOUT
Figure 29. Output Amplifier Step Response, CL = 1 µF
VIN
VOUT
+
–
10k
Ω
1
µF
CL
1
µF
150
Ω
Figure 30. Compensation for Capacitive Loads
100
90
10
0%
10V
1V
200
µs
VIN
VOUT
Figure 31. Output Amplifier Step Response Using Figure 30 Compensation
BRIDGE DRIVER CIRCUIT
The Wheatstone bridge is a common transducer. In its simplest
form, a bridge consists of four 2-terminal elements connected to
form a quadrilateral, a source of excitation connected along one
of the diagonals and a detector comprising the other diagonal.
In this unipolar drive configuration, the output voltage of the
bridge is riding on a common-mode voltage signal equal to
approximately VIN/2. Further processing of this signal may
necessarily be limited to high common-mode rejection
techniques such as instrumentation or isolation amplifiers.
However, if the bridge is driven from a pair of bipolar supplies,
then the common-mode voltage is ideally eliminated and the
restrictions on any processing elements that follow are relaxed.
As shown in Figure 32, the AD688 is an excellent choice for the
control element in a bipolar bridge driver scheme. Transistors
Q1 and Q2 serve as series pass elements to boost the current
drive capability to the 57 mA required by the typical 350 Ω
bridge. A differential gain stage may still be required if the
bridge balance is not perfect.
R3
RB
R1
R2
R4
R5
R6
–VS
+VS
A1
A4
AD688
A3
A2
Q1 =
2N3904
220
Ω
+15V
–15V
220
Ω
Q2 =
2N3906
EO
+
–
7
6
4
3
14
2
15
16
5
9
10
8
12
11
13
1
Figure 32. Bipolar Bridge Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com