Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX489 Datasheet(PDF) 12 Page - Tiger Electronic Co.,Ltd

Part # MAX489
Description  LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX489 Datasheet(HTML) 12 Page - Tiger Electronic Co.,Ltd

Back Button MAX489 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TTL IN
100pF
Z
B
RECEIVER
tR, tF < 6ns
D
R
OUT
Y
R = 54Ω
A
100pF
Figure 14. Receiver Propagation Delay Test Circuit
A
500mV/div
VCC =
5V
B
VCC = 5V
TA = +25°C
500mV/div
TA = +25°C
B
RO
2V/div
A
2V/div
RO
20ns/div
20ns/div
Figure 15. MAX481/MAX485/MAX490/MAX491/MAX1487
Receiver tPHL
Figure 16. MAX481/MAX485/MAX490/MAX491/MAX1487
Receiver tPLH
A
B
500mV/div
VCC = 5V
TA = +25°C
500mV/div
VCC = 5V
TA = +25°C
B
RO
2V/div
A
2V/div
RO
400ns/div
400ns/div
Figure 17. MAX483, MAX487–MAX489 Receiver tPHL
Figure 18. MAX483, MAX487–MAX489 Receiver tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com