Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX489 Datasheet(PDF) 17 Page - Tiger Electronic Co.,Ltd

Part # MAX489
Description  LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX489 Datasheet(HTML) 17 Page - Tiger Electronic Co.,Ltd

Back Button MAX489 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 17Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 18Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
-
0.043
-
1.10
A1
0.002
0.006
0.05
0.15
A2
0.030
0.037
0.75
0.95
b
0.010
0.014
0.25
0.36
c
0.005
0.007
0.13
0.18
D
0.116
0.120
2.95
3.05
e
0.0256 BSC
0.65 BSC
E
0.116
0.120
2.95
3.05
H
0.188
0.198
4.78
5.03
L
0.016
0.026
0.41
0.66
α
0∞
6∞
0∞
6∞
S
0.0207 BSC
0.5250 BSC
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
Package
Information
(continued)
(The package drawing(s)
in this data sheet may not reflect the most current specifications. For the latest package
outline
information go to www.maxim-ic.com/packages.)
4X S
8
8
E
H
ÿ 0.50±0.1
0.6±0.1
1
1
0.6±0.1
D
BOTTOM VIEW
TOP VIEW
A2
A1
A
c
α
e
b
L
FRONT VIEW
SIDE VIEW
PROPRIETARY INFORMATION
TITLE:
PACKAGE OUTLINE, 8L uMAX/uSOP
APPROVAL
DOCUMENT CONTROL NO.
21-0036
REV.
J
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com