Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMBT4403 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT4403
Description  PNP Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT4403 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT4403 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4403 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4403 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4403 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT4403(销售型號 MMBT4403)
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
(T
(T
(T
(TA
A
A
A
=25
=25
=25
=25℃ unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明,溫度爲 25℃))))
■
OFF
OFF
OFF
OFF CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 截止電特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Collector-Emitter Breakdown Voltage(3)
集電極-發射極擊穿電壓(Ic=-1.0mAdc,IB=0)
V(BR)CEO
-40
—
Vdc
Collector-Base Breakdown Voltage
集電極基極擊穿電壓(Ic=-0.1mAdc,IE=0)
V(BR)CBO
-40
__
Vdc
Emitter-Base Breakdown Voltage
發射極基極擊穿電壓(IE=-0.1mAdc,Ic=0)
V(BR)EBO
-5.0
—
Vdc
Base Cutoff Current 基極截止電流
(VCE=-35Vdc, VEB=-0.4Vdc)
IBEV
—
-0.1
u
Adc
Collector Cutoff Current 集電極截止電流
(VCE=-35Vdc, VEB=-0.4Vdc)
ICEX
—
-0.1
u
Adc
1. FR-5=1.0×0.75×0.062in.
2. Alumina=0.4×0.3×0.024in.99.5%alumina.
3. Pulse Width<300us;Duty Cycle<2.0%.
■
ON
ON
ON
ON CHARCTERISTICS
CHARCTERISTICS
CHARCTERISTICS
CHARCTERISTICS 導通電特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
DC Current Gain 直流電流增益
HFE
—
(Ic=-0.1mAdc,VCE=-1.0Vdc)
30
—
(Ic=-1.0mAdc,VCE=-1.0Vdc)
60
—
(Ic=-10mAdc,VCE=-1.0Vdc)
100
—
(Ic=-150mAdc,VCE=-2.0Vdc)(3)
100
300
(Ic=-500mAdc,VCE=-2.0Vdc)(3)
20
—
Collector-Emitter Saturation Voltage
集電極-發射極飽和壓降
(Ic=-150mAdc, IB=-15mAdc)
(Ic=-500mAdc, IB=-50mAdc)
VCE(sat)
—
—
-0.4
-0.75
Vdc
Base-Emitter Saturation Voltage
基極-發射極飽和壓降
(Ic=-150mAdc, IB=-15mAdc)
(Ic=-500mAdc, IB=-50mAdc)
VBE(sat)
-0.75
—
-0.95
-1.3
Vdc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com