Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMBT4403 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT4403
Description  PNP Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT4403 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT4403 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4403 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4403 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4403 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT4403(销售型號 MMBT4403)
■
FEATURES
FEATURES
FEATURES
FEATURES 特點
PNP
Switching Transistor
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS 最大額定值
Characteristic 特性參數
Symbol 符號
Rating 額定值
Unit 單位
Collector-Emitter Voltage
集電極-發射極電壓
VCEO
-40
Vdc
Collector-Base Voltage
集電極-基極電壓
VCBO
-40
Vdc
Emitter-Base Voltage
發射極-基極電壓
VEBO
-5.0
Vdc
Collector Current-Continuous
集電極電流-連續
Ic
-600
mAdc
■
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 熱特性
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Total Device Dissipation 總耗散功率
FR-5 Board(1)
TA
=25℃環境溫度爲 25℃
Derate above25℃
超過 25℃遞減
PD
225
1.8
mW
mW/℃
Total Device Dissipation 總耗散功率
Alumina Substrate, 氧化鋁襯底(2)
TA
=25℃環境溫度爲 25℃
Derate above25℃
超過 25℃遞減
PD
300
2.4
mW
mW/℃
Thermal Resistance Junction to Ambient
熱阻
RΘJA
417
℃/W
Junction and Storage Temperature
結溫和儲存溫度
TJ,Tstg
150℃, -55to+150℃
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING 打標
GM
GM
GM
GMBT
BT
BT
BT4403
4403
4403
4403(销售型號 MMBT4403)=2T
=2T
=2T
=2T


Similar Part No. - GMBT4403

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBT4403 GTM-GMBT4403 Datasheet
205Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GMBT4403 ETL-GMBT4403 Datasheet
207Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GMBT4403

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
PNP switching transistor
1999 May 10
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
PNP Switching Transistor
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
PNP Switching Transistor
logo
NXP Semiconductors
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
PNP switching transistor
2004 Jan 21
logo
AiT Semiconductor Inc.
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com