Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F008B3 Datasheet(PDF) 3 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 3 Page - Intel Corporation

  28F008B3 Datasheet HTML 1Page - Intel Corporation 28F008B3 Datasheet HTML 2Page - Intel Corporation 28F008B3 Datasheet HTML 3Page - Intel Corporation 28F008B3 Datasheet HTML 4Page - Intel Corporation 28F008B3 Datasheet HTML 5Page - Intel Corporation 28F008B3 Datasheet HTML 6Page - Intel Corporation 28F008B3 Datasheet HTML 7Page - Intel Corporation 28F008B3 Datasheet HTML 8Page - Intel Corporation 28F008B3 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
3
PRELIMINARY
CONTENTS
PAGE
PAGE
1.0 INTRODUCTION .............................................5
1.1 Smart 3 Advanced Boot Block Flash
Memory Enhancements ..............................5
1.2 Product Overview.........................................6
2.0 PRODUCT DESCRIPTION..............................6
2.1 Package Pinouts ..........................................7
2.2 Block Organization .....................................11
2.2.1 Parameter Blocks ................................11
2.2.2 Main Blocks .........................................11
3.0 PRINCIPLES OF OPERATION .....................14
3.1 Bus Operation ............................................14
3.1.1 Read....................................................15
3.1.2 Output Disable.....................................15
3.1.3 Standby ...............................................15
3.1.4 Deep Power-Down/Reset ....................15
3.1.5 Write....................................................15
3.2 Modes of Operation....................................15
3.2.1 Read Array ..........................................16
3.2.2 Read Intelligent Identifier .....................17
3.2.3 Read Status Register ..........................17
3.2.4 Program Mode.....................................18
3.2.5 Erase Mode .........................................19
3.3 Block Locking.............................................26
3.3.1 VPP = VIL for Complete Protection .......26
3.3.2 WP# = VIL for Block Locking................26
3.3.3 WP# = VIH for Block Unlocking ............26
3.4 VPP Program and Erase Voltages ..............26
3.5 Power Consumption ...................................26
3.5.1 Active Power .......................................26
3.5.2 Automatic Power Savings (APS) .........27
3.5.3 Standby Power ....................................27
3.5.4 Deep Power-Down Mode.....................27
3.6 Power-Up/Down Operation.........................27
3.6.1 RP# Connected to System Reset ........27
3.6.2 VCC, VPP and RP# Transitions .............27
3.7 Power Supply Decoupling ..........................28
3.7.1 VPP Trace on Printed Circuit Boards ....28
4.0 ABSOLUTE MAXIMUM RATINGS ................29
5.0 OPERATING CONDITIONS
(VCCQ = 2.7V–3.6V).......................................29
5.1 DC Characteristics: VCCQ = 2.7V–3.6V.......30
6.0 OPERATING CONDITIONS
(VCCQ = 1.8V–2.2V).......................................34
6.1 DC Characteristics: VCCQ = 1.8V–2.2V.......34
7.0 AC CHARACTERISTICS...............................39
7.1 Reset Operations .......................................43
APPENDIX A: Ordering Information .................45
APPENDIX B: Write State Machine Current/
Next States ..................................................46
APPENDIX C: Access Time vs.
Capacitive Load...........................................47
APPENDIX D: Architecture Block Diagram ......48
APPENDIX E: Additional Information ...............49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com