Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F004SC-85 Datasheet(PDF) 12 Page - Intel Corporation

Part # E28F004SC-85
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-85 Datasheet(HTML) 12 Page - Intel Corporation

Back Button E28F004SC-85 Datasheet HTML 8Page - Intel Corporation E28F004SC-85 Datasheet HTML 9Page - Intel Corporation E28F004SC-85 Datasheet HTML 10Page - Intel Corporation E28F004SC-85 Datasheet HTML 11Page - Intel Corporation E28F004SC-85 Datasheet HTML 12Page - Intel Corporation E28F004SC-85 Datasheet HTML 13Page - Intel Corporation E28F004SC-85 Datasheet HTML 14Page - Intel Corporation E28F004SC-85 Datasheet HTML 15Page - Intel Corporation E28F004SC-85 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
12
PRELIMINARY
2.0
PRINCIPLES OF OPERATION
The byte-wide SmartVoltage FlashFile memories
include an on-chip WSM to manage block erase,
program, and lock-bit configuration functions. It
allows for: 100% TTL-level control inputs, fixed
power supplies during block erasure, program, and
lock-bit
configuration,
and
minimal
processor
overhead with RAM-like interface timings.
After initial device power-up or return from deep
power-down mode (see Bus
Operations),
the
device defaults to read array mode. Manipulation of
external memory control pins allow array read,
standby, and output disable operations.
Status
register
and
identifier
codes
can
be
accessed through the CUI independent of the VPP
voltage. High voltage on VPP enables successful
block erasure, program, and lock-bit configuration.
All functions associated with altering memory
contents—block
erase,
program,
lock-bit
configuration, status, and identifier codes—are
accessed via the CUI and verified through the
status register.
Commands are written using standard micro-
processor write timings. The CUI contents serve as
input to the WSM that controls block erase,
program, and lock-bit configuration operations. The
internal algorithms are regulated by the WSM,
including pulse repetition, internal verification, and
margining
of
data.
Addresses
and
data
are
internally latched during write cycles. Writing the
appropriate command outputs array data, accesses
the identifier codes, or outputs status register data.
Interface software that initiates and polls progress
of block erase, program, and lock-bit configuration
can be stored in any block. This code is copied to
and executed from system RAM during flash
memory updates. After successful completion,
reads are again possible via the Read Array
command. Block erase suspend allows system
software to suspend a block erase to read or write
data from any other block. Program suspend allows
system software to suspend a program to read data
from any other flash memory array location.
64-Kbyte Block
1FFFFF
31
1F0000
1EFFFF
1E0000
1DFFFF
1D0000
1CFFFF
1C0000
1BFFFF
30
29
28
27
1B0000
1AFFFF
1A0000
19FFFF
190000
18FFFF
180000
17FFFF
26
25
24
23
170000
16FFFF
160000
15FFFF
150000
14FFFF
140000
13FFFF
22
21
20
19
130000
12FFFF
120000
11FFFF
110000
10FFFF
100000
0FFFFF
18
17
16
15
0F0000
0EFFFF
0E0000
0DFFFF
0D0000
0CFFFF
0C0000
0BFFFF
14
13
12
11
0B0000
0AFFFF
0A0000
09FFFF
090000
08FFFF
080000
07FFFF
10
9
8
7
070000
06FFFF
060000
05FFFF
050000
04FFFF
040000
03FFFF
6
5
4
3
030000
02FFFF
020000
01FFFF
010000
00FFFF
000000
2
1
0
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
64-Kbyte Block
8-Mbit
16-Mbit
4-Mbit
Figure 5. Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com