Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F004SC-85 Datasheet(PDF) 23 Page - Intel Corporation

Part # E28F004SC-85
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-85 Datasheet(HTML) 23 Page - Intel Corporation

Back Button E28F004SC-85 Datasheet HTML 19Page - Intel Corporation E28F004SC-85 Datasheet HTML 20Page - Intel Corporation E28F004SC-85 Datasheet HTML 21Page - Intel Corporation E28F004SC-85 Datasheet HTML 22Page - Intel Corporation E28F004SC-85 Datasheet HTML 23Page - Intel Corporation E28F004SC-85 Datasheet HTML 24Page - Intel Corporation E28F004SC-85 Datasheet HTML 25Page - Intel Corporation E28F004SC-85 Datasheet HTML 26Page - Intel Corporation E28F004SC-85 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
23
PRELIMINARY
SR.7 =
0
1
Start
Write 40H,
Address
Write Byte
Data and Address
Full Status
Check if Desired
Program Complete
FULL STATUS CHECK PROCEDURE
1
0
Read Status Register
Data (See Above)
1
0
Read
Status Register
V
Range Error
Bus
Operation
Command
Comments
Standby
Standby
Check SR.3
1 = V
Error Detect
SR.4, SR.3 and SR.1 are only cleared by the Clear Status Register
command in cases where multiple locations are written before
full status is checked.
If error is detected, clear the Status Register before attempting
retry or other error recovery.
Bus
Operation
Command
Comments
Write
Write
Setup
Program
Data = Data to Be Programmed
Addr = Location to Be Programmed
Read
Data = 40H
Addr = Location to Be Programmed
Check SR.7
1 = WSM Ready
0 = WSM Busy
Repeat for subsequent byte writes.
SR full status check can be done after each program, or after a
sequence of program operations.
Write FFH after the last program operation to reset device to
read array mode.
Standby
SR.3 =
SR.4 =
Program Error
Program Successful
Program
Status Register Data
Suspend
Program
Yes
No
Suspend
Program Loop
Standby
Check SR.4
1 = Program Error
0
1
Device Protect Error
SR.1 =
PP
Check SR.1
1 = Device Protect Detect
RP# = V
, Block Lock-Bit Is Set
Only required for systems
implementing lock-bit configuration
IH
PP
Figure 8. Automated Program Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com