Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F008SA Datasheet(PDF) 18 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 18 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 14Page - Intel Corporation 28F008SA Datasheet HTML 15Page - Intel Corporation 28F008SA Datasheet HTML 16Page - Intel Corporation 28F008SA Datasheet HTML 17Page - Intel Corporation 28F008SA Datasheet HTML 18Page - Intel Corporation 28F008SA Datasheet HTML 19Page - Intel Corporation 28F008SA Datasheet HTML 20Page - Intel Corporation 28F008SA Datasheet HTML 21Page - Intel Corporation 28F008SA Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
28F008SA
VCC VPP RP
Transitions and the
CommandStatus Registers
Byte write and block erase completion are not guar-
anteed if VPP drops below VPPH If the VPP Status bit
of the Status Register (SR3) is set to ‘‘1’’ a Clear
Status Register command MUST be issued before
further byte writeblock erase attempts are allowed
by the WSM Otherwise the Byte Write (SR4) or
Erase (SR5) Status bits of the Status Register will
be set to ‘‘1’’s if error is detected RP
transitions to
VIL during byte write and block erase also abort the
operations Data is partially altered in either case
and the command sequence must be repeated after
normal operation is restored Device poweroff or
RP
transitions to VIL clear the Status Register to
initial value 10000 for the upper 5 bits
The Command User Interface latches commands as
issued by system software and is not altered by VPP
or CE
transitions or WSM actions Its state upon
powerup after exit from deep powerdown or after
VCC transitions below VLKO is Read Array Mode
After byte write or block erase is complete even
after VPP transitions down to VPPL the Command
User Interface must be reset to Read Array mode via
the Read Array command if access to the memory
array is desired
Power UpDown Protection
The 28F008SA is designed to offer protection
against accidental block erasure or byte writing dur-
ing
power
transitions
Upon
power-up
the
28F008SA is indifferent as to which power supply
VPP or VCC powers up first Power supply sequenc-
ing is not required Internal circuitry in the 28F008SA
ensures that the Command User Interface is reset to
the Read Array mode on power up
A system designer must guard against spurious
writes for VCC voltages above VLKO when VPP is
active Since both WE
and CE
must be low for a
command write driving either to VIH will inhibit
writes The Command User Interface architecture
provides an added level of protection since altera-
tion of memory contents only occurs after success-
ful completion of the two-step command sequences
Finally the device is disabled until RP
is brought to
VIH regardless of the state of its control inputs This
provides an additional level of memory protection
Power Dissipation
When designing portable systems designers must
consider battery power consumption not only during
device operation but also for data retention during
system idle time Flash nonvolatility increases us-
able battery life because the 28F008SA does not
consume any power to retain code or data when the
system is off
In addition the 28F008SA’s deep powerdown mode
ensures extremely low power dissipation even when
system power is applied For example portable PCs
and other power sensitive applications using an ar-
ray of 28F008SAs for solid-state storage can lower
RP
to VIL in standby or sleep modes producing
negligable power consumption If access to the
28F008SA is again needed the part can again be
read following the tPHQV and tPHWL wakeup cycles
required after RP
is first raised back to VIH See
AC CharacteristicsRead-Only and Write Opera-
tions and Figures 10 and 11 for more information
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com