Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F008SA Datasheet(PDF) 27 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 27 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 23Page - Intel Corporation 28F008SA Datasheet HTML 24Page - Intel Corporation 28F008SA Datasheet HTML 25Page - Intel Corporation 28F008SA Datasheet HTML 26Page - Intel Corporation 28F008SA Datasheet HTML 27Page - Intel Corporation 28F008SA Datasheet HTML 28Page - Intel Corporation 28F008SA Datasheet HTML 29Page - Intel Corporation 28F008SA Datasheet HTML 30Page - Intel Corporation 28F008SA Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
28F008SA
BLOCK ERASE AND BYTE WRITE PERFORMANCE
Parameter
Notes
28F008SA-85
28F008SA-120
Unit
Min
Typ(1)
Max
Min
Typ(1)
Max
Block Erase Time
2
16
10
16
10
sec
Block Write Time
2
06
21
06
21
sec
Byte Write Time
8
(Note 3)
8
(Note 3)
m
s
NOTES
1 25 C 120 VPP
2 Excludes System-Level Overhead
3 Contact your Intel representative for information on the maximum byte write specification
EXTENDED TEMPERATURE OPERATION
AC CHARACTERISTICSWrite Operations(1)
Versions
VCCg10%
28F008SA-100(8)
Unit
Symbol
Parameter
Notes
Min
Max
tAVAV
tWC
Write Cycle Time
100
ns
tPHWL
tPS
RP
High Recovery to WE
Going Low
2
1
m
s
tELWL
tCS
CE
Setup to WE
Going Low
10
ns
tWLWH
tWP
WE
Pulse Width
40
ns
tVPWH
tVPS
VPP Setup to WE
Going High
2
100
ns
tAVWH
tAS
Address Setup to WE
Going High
3
40
ns
tDVWH
tDS
Data Setup to WE
Going High
4
40
ns
tWHDX
tDH
Data Hold from WE
High
5
ns
tWHAX
tAH
Address Hold from WE
High
5
ns
tWHEH
tCH
CE
Hold from WE
High
10
ns
tWHWL
tWPH
WE
Pulse Width High
30
ns
tWHRL
WE
High to RYBY
Going Low
100
ns
tWHQV1
Duration of Byte Write Operation
5 6
6
m
s
tWHQV2
Duration of Block Erase Operation
5 6
03
sec
tWHGL
Write Recovery before Read
0
m
s
tQVVL
tVPH
VPP Hold from Valid SRD RYBY
High
2 6
0
ns
NOTES
1 Read timing characteristics during erase and byte write operations are the same as during read-only operations Refer to
AC Characteristics for Read-Only Operations
2 Sampled not 100% tested
3 Refer to Table 3 for valid AIN for byte write or block erasure
4 Refer to Table 3 for valid DIN for byte write or block erasure
5 The on-chip Write State Machine incorporates all byte write and block erase system functions and overhead of standard
Intel flash memory including byte program and verify (byte write) and block precondition precondition verify erase and
erase verify (block erase)
6 Byte write and block erase durations are measured to completion (SR7 e 1 RYBY
e
VOH) VPP should be held at
VPPH until determination of byte writeblock erase success (SR345 e 0)
7 See High Speed AC InputOutput Reference Waveforms and High Speed AC Testing Load Circuits for testing characteris-
tics
8 See AC InputOutput Reference Waveforms and AC Testing Load Circuits for testing characteristics
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com