Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F010 Datasheet(PDF) 28 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 28F010 Datasheet HTML 22Page - Intel Corporation 28F010 Datasheet HTML 23Page - Intel Corporation 28F010 Datasheet HTML 24Page - Intel Corporation 28F010 Datasheet HTML 25Page - Intel Corporation 28F010 Datasheet HTML 26Page - Intel Corporation 28F010 Datasheet HTML 27Page - Intel Corporation 28F010 Datasheet HTML 28Page - Intel Corporation 28F010 Datasheet HTML 29Page - Intel Corporation 28F010 Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28F010
ERASE AND PROGRAMMING PERFORMANCE
Parameter
Notes
Min
Typical
Max
Unit
Chip Erase Time
1 3 4
1
10
Sec
Chip Program Time
1 2 4
2
125
Sec
NOTES
1 ‘‘Typicals’’ are not guaranteed but based on samples from production lots Data taken at 25 C 120V VPP
2 Minimum byte programming time excluding system overhead is 16 msec (10 msec program a 6 msec write recovery)
while maximum is 400 msecbyte (16 msec x 25 loops allowed by algorithm) Max chip programming time is specified lower
than the worst case allowed by the programming algorithm since most bytes program significantly faster than the worst case
byte
3 Excludes 00H programming prior to erasure
4 Excludes system level overhead
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com