Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F010 Datasheet(PDF) 6 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 28F010 Datasheet HTML 2Page - Intel Corporation 28F010 Datasheet HTML 3Page - Intel Corporation 28F010 Datasheet HTML 4Page - Intel Corporation 28F010 Datasheet HTML 5Page - Intel Corporation 28F010 Datasheet HTML 6Page - Intel Corporation 28F010 Datasheet HTML 7Page - Intel Corporation 28F010 Datasheet HTML 8Page - Intel Corporation 28F010 Datasheet HTML 9Page - Intel Corporation 28F010 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
28F010
290207 – 4
Figure 4 28F010 in a 80C186 System
PRINCIPLES OF OPERATION
Flash-memory augments EPROM functionality with
in-circuit electrical erasure and reprogramming The
28F010 introduces a command register to manage
this new functionality The command register allows
for 100% TTL-level control inputs fixed power sup-
plies during erasure and programming and maxi-
mum EPROM compatibility
In the absence of high voltage on the VPP pin the
28F010 is a read-only memory Manipulation of the
external memory-control pins yields the standard
EPROM read standby output disable and Intelli-
gent Identifier operations
The same EPROM read standby and output disable
operations are available when high voltage is ap-
plied to the VPP pin In addition high voltage on VPP
enables erasure and programming of the device All
functions associated with altering memory con-
tentsIntelligent Identifier erase erase verify pro-
gram and program verifyare accessed via the
command register
Commands are written to the register using standard
microprocessor write timings
Register contents
serve as input to an internal state-machine which
controls the erase and programming circuitry Write
cycles also internally latch addresses and data
needed for programming or erase operations With
the appropriate command written to the register
standard microprocessor read timings output array
data access the Intelligent Identifier codes or out-
put data for erase and program verification
Integrated Stop Timer
Successive command write cycles define the dura-
tions of program and erase operations specifically
the program or erase time durations are normally
terminated by associated program or erase verify
commands An integrated stop timer provides simpli-
fied timing control over these operations thus elimi-
nating the need for maximum programerase timing
specifications Programming and erase pulse dura-
tions are minimums only When the stop timer termi-
nates a program or erase operation the device en-
ters an inactive state and remains inactive until re-
ceiving the appropriate verify or reset command
Write Protection
The command register is only active when VPP is at
high voltage Depending upon the application the
system designer may choose to make the VPP pow-
er supply switchableavailable only when memory
updates are desired When VPP e VPPL the con-
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com