Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80188 Datasheet(PDF) 1 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 1 Page - Intel Corporation

  80188 Datasheet HTML 1Page - Intel Corporation 80188 Datasheet HTML 2Page - Intel Corporation 80188 Datasheet HTML 3Page - Intel Corporation 80188 Datasheet HTML 4Page - Intel Corporation 80188 Datasheet HTML 5Page - Intel Corporation 80188 Datasheet HTML 6Page - Intel Corporation 80188 Datasheet HTML 7Page - Intel Corporation 80188 Datasheet HTML 8Page - Intel Corporation 80188 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
November 1994
COPYRIGHT
INTEL CORPORATION 1995
Order Number 272430-002
8018680188
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
Y
Integrated Feature Set
Enhanced 8086-2 CPU
Clock Generator
2 Independent DMA Channels
Programmable Interrupt Controller
3 Programmable 16-bit Timers
Programmable Memory and
Peripheral Chip-Select Logic
Programmable Wait State Generator
Local Bus Controller
Y
Available in 10 MHz and 8 MHz
Versions
Y
High-Performance Processor
4 MbyteSec Bus Bandwidth
Interface
8 MHz (80186)
5 MbyteSec Bus Bandwidth
Interface
10 MHz (80186)
Y
Direct Addressing Capability to 1 Mbyte
of Memory and 64 Kbyte IO
Y
Completely Object Code Compatible
with All Existing 8086 8088 Software
10 New Instruction Types
Y
Numerics Coprocessing Capability
Through 8087 Interface
Y
Available in 68 Pin
Plastic Leaded Chip Carrier (PLCC)
Ceramic Pin Grid Array (PGA)
Ceramic Leadless Chip Carrier (LCC)
Y
Available in EXPRESS
Standard Temperature with Burn-In
Extended Temperature Range
(b40 Cto a85 C)
272430 – 1
Figure 1 Block Diagram
1


Similar Part No. - 80188

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80188 AMD-80188 Datasheet
3Mb / 51P
High Integration 8-Bit Microprocessor
logo
Intel Corporation
80188 INTEL-80188 Datasheet
1Mb / 22P
OPERATING SYSTEM PROCESSOR
logo
REMA Lipprandt GmbH & C...
80188-00 REMA-80188-00 Datasheet
128Kb / 1P
MonoCon
80188-00 REMA-80188-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
80188-02 REMA-80188-02 Datasheet
128Kb / 1P
MonoCon
More results

Similar Description - 80188

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
AM29116 AMD-AM29116 Datasheet
2Mb / 44P
High-Performance 16-Bit Bipolar Microprocessors
logo
Intel Corporation
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com