Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80188 Datasheet(PDF) 6 Page - Intel Corporation

Part # 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 80188 Datasheet HTML 2Page - Intel Corporation 80188 Datasheet HTML 3Page - Intel Corporation 80188 Datasheet HTML 4Page - Intel Corporation 80188 Datasheet HTML 5Page - Intel Corporation 80188 Datasheet HTML 6Page - Intel Corporation 80188 Datasheet HTML 7Page - Intel Corporation 80188 Datasheet HTML 8Page - Intel Corporation 80188 Datasheet HTML 9Page - Intel Corporation 80188 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
8018680188
Table 1 Pin Descriptions
(Continued)
Symbol
Pin
Type
Name and Function
No
A19S6
65
O
Address Bus Outputs (16–19) and Bus Cycle Status (3–6) indicate the four most
significant address bits during T1 These signals are active HIGH During T2 T3 TW
A18S5
66
O
and T4 the S6 pin is LOW to indicate a CPU-initiated bus cycle or HIGH to indicate a
A17S4
67
O
DMA-initiated bus cycle During the same T-states S3 S4 and S5 are always LOW
A16S3
68
O
The status pins float during bus HOLD or RESET
AD15 (A15)
1
IO
AddressData Bus signals constitute the time multiplexed memory or IO address (T1)
and data (T2 T3 TW and T4) bus The bus is active HIGH A0 is analogous to BHE for
AD14 (A14)
3
IO
the lower byte of the data bus pins D7 through D0 It is LOW during T1 when a byte is
AD13 (A13)
5
IO
to be transferred onto the lower portion of the bus in memory or IO operations BHE
AD12 (A12)
7
IO
does not exist on the 80188 as the data bus is only 8 bits wide
AD11 (A11)
10
IO
AD10 (A10)
12
IO
AD9 (A9)
14
IO
AD8 (A8)
16
IO
AD7
2
IO
AD6
4
IO
AD5
6
IO
AD4
8
IO
AD3
11
IO
AD2
13
IO
AD1
15
IO
AD0
17
IO
BHE S7
64
O
During T1 the Bus High Enable signal should be used to determine if data is to be
enabled onto the most significant half of the data bus pins D15–D8 BHE is LOW
(S7)
during T1 for read write and interrupt acknowledge cycles when a byte is to be
transferred on the higher half of the bus The S7 status information is available during
T2 T3 and T4 S7 is logically equivalent to BHE BHE S7 floats during HOLD On the
80188 S7 is high during normal operation
BHE and A0 Encodings (80186 Only)
BHE
A0
Function
Value
Value
0
0
Word Transfer
0
1
Byte Transfer on upper half of data bus (D15–D8)
1
0
Byte Transfer on lower half of data bus (D7–D0)
1
1
Reserved
ALEQS0
61
O
Address Latch EnableQueue Status 0 is provided by the processor to latch the
address ALE is active HIGH Addresses are guaranteed to be valid on the trailing
edge of ALE The ALE rising edge is generated off the rising edge of the CLKOUT
immediately preceding T1 of the associated bus cycle effectively one-half clock cycle
earlier than in the 8086 The trailing edge is generated off the CLKOUT rising edge in
T1 as in the 8086 Note that ALE is never floated
WR QS1
63
O
Write StrobeQueue Status 1 indicates that the data on the bus is to be written into a
memory or an IO device WR is active for T2 T3 and TW of any write cycle It is active
LOW and floats during HOLD When the processor is in queue status mode the ALE
QS0 and WR QS1 pins provide information about processorinstruction queue
interaction
QS1
QS0
Queue Operation
0
0
No queue operation
0
1
First opcode byte fetched from the queue
1
1
Subsequent byte fetched from the queue
1
0
Empty the queue
NOTE
Pin names in parentheses apply to the 80188
6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com