Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5259 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5259 Datasheet HTML 2Page - Analog Devices AD5259 Datasheet HTML 3Page - Analog Devices AD5259 Datasheet HTML 4Page - Analog Devices AD5259 Datasheet HTML 5Page - Analog Devices AD5259 Datasheet HTML 6Page - Analog Devices AD5259 Datasheet HTML 7Page - Analog Devices AD5259 Datasheet HTML 8Page - Analog Devices AD5259 Datasheet HTML 9Page - Analog Devices AD5259 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5259
Data Sheet
Rev. C | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Value
V
DD, VLOGIC to GND
−0.3 V to +7 V
V
A, VB, VW to GND
GND
− 0.3 V, VDD + 0.3 V
I
MAX
Pulsed1
±20 mA
Continuous
±5 mA
Digital Inputs and Output Voltage
to GND
0 V to 7 V
Operating Temperature Range
−40°C to +125°C
Maximum Junction Temperature
(T
JMAX)
150°C
Storage Temperature
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Thermal Resistance2
θ
JA: MSOP–10
200°C/W
1 Maximum terminal current is bounded by the maximum current handling
of the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Package power dissipation = (T
JMAX – TA)/θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com