Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5259 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5259 Datasheet HTML 6Page - Analog Devices AD5259 Datasheet HTML 7Page - Analog Devices AD5259 Datasheet HTML 8Page - Analog Devices AD5259 Datasheet HTML 9Page - Analog Devices AD5259 Datasheet HTML 10Page - Analog Devices AD5259 Datasheet HTML 11Page - Analog Devices AD5259 Datasheet HTML 12Page - Analog Devices AD5259 Datasheet HTML 13Page - Analog Devices AD5259 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5259
Data Sheet
Rev. C | Page 10 of 24
400
–600
–500
–400
–300
–200
–100
0
100
200
300
0
256
224
192
160
128
96
64
32
CODE (Decimal)
5k
Ω
10k
Ω
50k
Ω
100k
Ω
Figure 18. Rheostat Mode Tempco (
ΔRAB x 106)/(RAB x ΔT) vs. Code
70
–40
–30
–20
–10
0
10
20
30
40
50
60
0
256
224
192
160
128
96
64
32
CODE (Decimal)
10k
Ω
50k
Ω
5k
Ω
100k
Ω
Figure 19. Potentiometer Mode Tempco (
ΔVW x 106)/(VW x ΔT) vs. Code
350
0
50
100
150
200
250
300
–40
–20
80
60
40
20
0
TEMPERATURE (
°C)
RWB @ VDD = 5.5V
RWB @ VDD = 2.7V
Figure 20. RWB vs. Temperature
120
100
80
60
40
20
0
–40
–20
80
60
40
20
0
TEMPERATURE (
°C)
100k
Ω Rt @ V
DD = 5.5V
50k
Ω Rt @ V
DD = 5.5V
10k
Ω Rt @ V
DD = 5.5V
5k
Ω Rt @ V
DD = 5.5V
Figure 21. Total Resistance vs. Temperature
80H
40H
20H
10H
08H
04H
02H
01H
1k
10M
1M
100k
10k
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
Figure 22. Gain vs. Frequency vs. Code, RAB = 5 k
Ω
1k
10M
1M
100k
10k
80H
40H
20H
10H
08H
04H
02H
01H
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
Figure 23. Gain vs. Frequency vs. Code, RAB = 10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com