Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C54 Datasheet(PDF) 1 Page - Intel Corporation

Part # 82C54
Description  CHMOS PROGRAMMABLE INTERVAL TIMER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C54 Datasheet(HTML) 1 Page - Intel Corporation

  82C54 Datasheet HTML 1Page - Intel Corporation 82C54 Datasheet HTML 2Page - Intel Corporation 82C54 Datasheet HTML 3Page - Intel Corporation 82C54 Datasheet HTML 4Page - Intel Corporation 82C54 Datasheet HTML 5Page - Intel Corporation 82C54 Datasheet HTML 6Page - Intel Corporation 82C54 Datasheet HTML 7Page - Intel Corporation 82C54 Datasheet HTML 8Page - Intel Corporation 82C54 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
October 1994
Order Number 231244-006
82C54
CHMOS PROGRAMMABLE INTERVAL TIMER
Y
Compatible with all Intel and most
other microprocessors
Y
High Speed ‘‘Zero Wait State’’
Operation with 8 MHz 808688 and
80186188
Y
Handles Inputs from DC
10 MHz for 82C54-2
Y
Available in EXPRESS
Standard Temperature Range
Extended Temperature Range
Y
Three independent 16-bit counters
Y
Low Power CHMOS
ICC e 10 mA
8 MHz Count
frequency
Y
Completely TTL Compatible
Y
Six Programmable Counter Modes
Y
Binary or BCD counting
Y
Status Read Back Command
Y
Available in 24-Pin DIP and 28-Pin PLCC
The Intel 82C54 is a high-performance CHMOS version of the industry standard 8254 countertimer which is
designed to solve the timing control problems common in microcomputer system design It provides three
independent 16-bit counters each capable of handling clock inputs up to 10 MHz All modes are software
programmable The 82C54 is pin compatible with the HMOS 8254 and is a superset of the 8253
Six programmable timer modes allow the 82C54 to be used as an event counter elapsed time indicator
programmable one-shot and in many other applications
The 82C54 is fabricated on Intel’s advanced CHMOS III technology which provides low power consumption
with performance equal to or greater than the equivalent HMOS product The 82C54 is available in 24-pin DIP
and 28-pin plastic leaded chip carrier (PLCC) packages
231244 – 1
Figure 1 82C54 Block Diagram
231244 – 3
PLASTIC LEADED CHIP CARRIER
231244 – 2
Diagrams are for pin reference only
Package sizes are not to scale
Figure 2 82C54 Pinout


Similar Part No. - 82C54

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
CMOS Programmable Interval Timer
March 1997
logo
Intel Corporation
82C54 INTEL-82C54 Datasheet
239Kb / 18P
CHMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
logo
Unisonic Technologies
82C54 UTC-82C54 Datasheet
430Kb / 20P
VOLTAGE DETECTORS
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results

Similar Description - 82C54

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8253 TOSHIBA-TMP8253 Datasheet
319Kb / 14P
PROGRAMMABLE INTERVAL TIMER
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
TMP82C54 TOSHIBA-TMP82C54 Datasheet
556Kb / 26P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8253 INTEL-8253 Datasheet
700Kb / 11P
PROGRAMMABLE INTERVAL TIMER
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
82C54 INTEL-82C54 Datasheet
239Kb / 18P
CHMOS PROGRAMMABLE INTERVAL TIMER
logo
NEC
UPD8253 NEC-UPD8253 Datasheet
419Kb / 11P
PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Rochester Electronics
TP82C54-2 ROCHESTER-TP82C54-2 Datasheet
646Kb / 1P
PROGRAMMABLE INTERVAL TIMER with advanced CHMOS III technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com