Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C55 Datasheet(PDF) 10 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 82C55 Datasheet HTML 6Page - Intel Corporation 82C55 Datasheet HTML 7Page - Intel Corporation 82C55 Datasheet HTML 8Page - Intel Corporation 82C55 Datasheet HTML 9Page - Intel Corporation 82C55 Datasheet HTML 10Page - Intel Corporation 82C55 Datasheet HTML 11Page - Intel Corporation 82C55 Datasheet HTML 12Page - Intel Corporation 82C55 Datasheet HTML 13Page - Intel Corporation 82C55 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
82C55A
MODE 0 Configurations
(Continued)
231256 – 12
Operating Modes
MODE 1 (Strobed InputOutput)
This functional
configuration provides a means for transferring IO
data to or from a specified port in conjunction with
strobes or ‘‘handshaking’’ signals In mode 1 Port A
and Port B use the lines on Port C to generate or
accept these ‘‘handshaking’’ signals
Mode 1 Basic functional Definitions
 Two Groups (Group A and Group B)
 Each group contains one 8-bit data port and one
4-bit controldata port
 The 8-bit data port can be either input or output
Both inputs and outputs are latched
 The 4-bit port is used for control and status of the
8-bit data port
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com