Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C55 Datasheet(PDF) 13 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82C55 Datasheet HTML 9Page - Intel Corporation 82C55 Datasheet HTML 10Page - Intel Corporation 82C55 Datasheet HTML 11Page - Intel Corporation 82C55 Datasheet HTML 12Page - Intel Corporation 82C55 Datasheet HTML 13Page - Intel Corporation 82C55 Datasheet HTML 14Page - Intel Corporation 82C55 Datasheet HTML 15Page - Intel Corporation 82C55 Datasheet HTML 16Page - Intel Corporation 82C55 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
82C55A
Combinations of MODE 1
Port A and Port B can be individually defined as input or output in Mode 1 to support a wide variety of strobed
IO applications
231256 – 17
Figure 12 Combinations of MODE 1
Operating Modes
MODE 2 (Strobed Bidirectional Bus IO)
This
functional configuration provides a means for com-
municating with a peripheral device or structure on a
single 8-bit bus for both transmitting and receiving
data (bidirectional bus IO) ‘‘Handshaking’’ signals
are provided to maintain proper bus flow discipline in
a similar manner to MODE 1 Interrupt generation
and enabledisable functions are also available
MODE 2 Basic Functional Definitions
 Used in Group A only
 One 8-bit bi-directional bus port (Port A) and a 5-
bit control port (Port C)
 Both inputs and outputs are latched
 The 5-bit control port (Port C) is used for control
and status for the 8-bit bi-directional bus port
(Port A)
Bidirectional Bus IO Control Signal Definition
INTR (Interrupt Request)
A high on this output can
be used to interrupt the CPU for input or output oper-
ations
Output Operations
OBF (Output Buffer Full)
The OBF output will go
‘‘low’’ to indicate that the CPU has written data out
to port A
ACK (Acknowledge)
A ‘‘low’’ on this input enables
the tri-state output buffer of Port A to send out the
data Otherwise the output buffer will be in the high
impedance state
INTE 1 (The INTE Flip-Flop Associated with
OBF)
Controlled by bit setreset of PC6
Input Operations
STB (Strobe Input)
A ‘‘low’’ on this input loads
data into the input latch
IBF (Input Buffer Full FF)
A ‘‘high’’ on this output
indicates that data has been loaded into the input
latch
INTE 2 (The INTE Flip-Flop Associated with IBF)
Controlled by bit setreset of PC4
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com