Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196 Datasheet(PDF) 13 Page - Intel Corporation

Part # 87C196
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 9Page - Intel Corporation 87C196 Datasheet HTML 10Page - Intel Corporation 87C196 Datasheet HTML 11Page - Intel Corporation 87C196 Datasheet HTML 12Page - Intel Corporation 87C196 Datasheet HTML 13Page - Intel Corporation 87C196 Datasheet HTML 14Page - Intel Corporation 87C196 Datasheet HTML 15Page - Intel Corporation 87C196 Datasheet HTML 16Page - Intel Corporation 87C196 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AUTOMOTIVE 87C196KC
HOLD HLDA Timings
Symbol
Description
Min
Max
Units
Notes
THVCH
HOLD Setup
55
ns
(Note 1)
TCLHAL
CLKOUT Low to HLDA Low
b
15
15
ns
TCLBRL
CLKOUT Low to BREQ Low
b
15
15
ns
TAZHAL
HLDA Low to Address Float
15
ns
TBZHAL
HLDA Low to BHE INST RD WR Weakly Driven
15
ns
TCLHAH
CLKOUT Low to HLDA High
b
15
15
ns
TCLBRH
CLKOUT Low to BREQ High
b
15
15
ns
THAHAX
HLDA High to Address No Longer Float
b
15
ns
THAHBV
HLDA High to BHE INST RD WR Valid
b
10
ns
TCLLH
CLKOUT Low to ALE High
b
515
ns
NOTE
1 To guarantee recognition at next clock
DC SPECIFICATIONS IN HOLD
Min
Max
Units
Weak Pullups on ADV RD
50K
250K
VCC e 55V VIN e 045V
WR WRL BHE
Weak Pulldowns on
10K
50K
VCC e 55V VIN e 24
ALE INST
270846 – 25
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com