Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196 Datasheet(PDF) 21 Page - Intel Corporation

Part # 87C196
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 13Page - Intel Corporation 87C196 Datasheet HTML 14Page - Intel Corporation 87C196 Datasheet HTML 15Page - Intel Corporation 87C196 Datasheet HTML 16Page - Intel Corporation 87C196 Datasheet HTML 17Page - Intel Corporation 87C196 Datasheet HTML 18Page - Intel Corporation 87C196 Datasheet HTML 19Page - Intel Corporation 87C196 Datasheet HTML 20Page - Intel Corporation 87C196 Datasheet HTML 21Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AUTOMOTIVE 87C196KC
87C196KC B-3 STEP ERRATA
1 NMI during PTS skips an address When an NMI
interrupts a PTS routine the first byte of the in-
struction following completion of the PTS cycle is
lost This results in incorrect code execution
Workaround NMI must be disabled using exter-
nal hardware during any PTS activity
2 QBD port glitch There is a strong negative glitch
on all QBD Port pins (P1x and P26 P27) syn-
chronous with the first falling edge of CLKOUT
This glitch lasts about 10 ns and only occurs one
time following the initial application of VCC The
time for the pin to return to VCC may be several
microseconds depending on pin loading capaci-
tance Workaround External systems and devic-
es should be disabled from responding to this
glitch until after the first CLKOUT falling edge has
occurred
3 Divide error during HOLD or READY The result
of a signed divide instruction may be off by one if
executed while the device is held off the bus by
HOLD or READY and the queue is empty Specif-
ic timings of HOLD or READY going active or in-
active must be met Workaround for HOLD dis-
able HOLD during signed divide operations (using
hardware or software) Workaround for READY
problem will only occur if unlimited wait state
mode is selected and 14 or more wait states are
inserted
4 The HSI unit has two errata one dealing with res-
olution and the other with first entries into the
FIFO
The HSI resolution is 9 states instead of 8 states
Events on the same line may be lost if they occur
faster than once every 9 state times
There is a mismatch between the 9 state time
HSI resolution and the 8 state time timer This
causes one time value to be unused every 9 timer
counts
Events may receive a time-tag on one count later
than expected because of this ‘‘skipped’’ time
value
If the first two events into an empty FIFO (not
including the Holding Register) occur in the same
internal phase both are recorded with one time-
tag Otherwise if the second event occurs within
9 states after the first its time-tag is one count
later than the first time tag If this is the ‘‘skipped’’
time value the second event’s time-tag is 2
counts later than the first’s
If the FIFO and Holding Register are empty the
first event will transfer into the Holding Register
after 8 state times leaving the FIFO empty again
If the second event occurs after this time it will
act as a new first event into an empty FIFO
DATASHEET REVISION HISTORY
The following are the key differences between this
datasheet and the -003 version
1 The ‘‘advanced information’’ status was dropped
and replaced with production status (no label)
2 Trademarks were updated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com