Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE22-A/24-D1T22-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE22-A/24-D1T22-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE22-A/24-D1T22-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE22-A/24-D1T22-R Datasheet HTML 1Page - Hongfa Technology HFE22-A/24-D1T22-R Datasheet HTML 2Page - Hongfa Technology HFE22-A/24-D1T22-R Datasheet HTML 3Page - Hongfa Technology HFE22-A/24-D1T22-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4HDSTQHR
r@?E24E 2CC2?86>6?E
s:6=64EC:4
DEC6?8E9
+9@4<
C6D:DE2?46
r@:= A@H6C
:OSHR. /96? C6BF:C:?8 @E96C ?@>:?2= G@=E286` DA64:2= @C56C 2==@H65b
ki
u:=6 {@bn tegghle
+:?8=6 4@:= =2E49:?8npAAC@Ib fbh/
s@F3=6 4@:=D =2E49:?8npAAC@Ib hbl/
fdeg *6Gb ebdd
w|{vup *typ1
x+|mdde` x+|c,+ejmhm ` x+|ehdde` |w+p+eldde` xtr~ ~r dldddd rt*,xuxts
97:7/?@=3 6756 <;B3= 8/?167:5 =38/C
1;:?/1? 2/?/
16/=/1?3=7>?71>
edddz ]2E idd.sr^
hddd.pr e >:?
fddd.pr e >:?
l>>
fd>D >2Ib
fd>D >2Ib
fmh>cDf
mld>cDf
edwKE@ iiwK ebi>> sp
iZ E@ liZ *w
ahd@r E@ kd@r
~r
pAAC@Ib edd8
sFDE AC@E64E65
1;78
j
ef
fh
hl
j
ef
fh
hl
hbl
mbj
embf
glbh
hbl
mbj
embf
glbh
edd
edd
edd
edd
edd
edd
edd
edd
ej
jd
fid
eddd
l_l
gd_gd
efi_efi
idd_idd
U eddp y2E49:?8 C6=2J
U z2<:?8 E6DE eiddp ed>D
D9@CE 4:C4F:E 4FCC6?E H:E9@FE 6IA=@D:@?
U w62GJ=@25 FA E@ fkkdd.p
U h<. 5:6=64EC:4 DEC6?8E9 ]36EH66? 4@:= 2?5 4@?E24ED^
U z:4C@ DH:E49 @? >@F?E:?8 3@2C5 2G2:=23=6
U t?G:C@?>6?E2= 7C:6?5=JAC@5F4E ]*@w+ 4@>A=:2?E^
U |FE=:?6 s:>6?D:@?Dn ]jdbd I hdbd I febd^ >>
1;78 2/?/
r@?E24E >2E6C:2=
r@?E24E C2E:?8 ]*6Db =@25^
z2Ib DH:E49:?8 G@=E286
z2Ib DH:E49:?8 4FCC6?E
z2Ib DH:E49:?8 A@H6C
z6492?:42= 6?5FC2?46
t=64EC:42= 6?5FC2?46
x?DF=2E:@? C6D:DE2?46
q6EH66? 4@:= [ 4@?E24ED
q6EH66? @A6? 4@?E24ED
rC66A286 5:DE2?46
|A6C2E6 E:>6 ]2E ?@>:b G@=Eb^
*6=62D6 E:>6 ]2E ?@>:b G@=Eb^
uF?4E:@?2=
s6DECF4E:G6
.:3C2E:@? C6D:DE2?46
wF>:5:EJ
p>3:6?E E6>A6C2EFC6
,6C>:?2E:@?
-?:E H6:89E
r@?DECF4E:@?
+6E c *6D6E
.@=E286
.sr
>2Ib
}F=D6
sFC2E:@?
>D
>:?b
r@:= *6D:DE2?46
I ]e edZ^
{@>:?2=
.@=E286
.sr
2E fg
ep` eq
,JAbndbgi> >2Ib]2E eddp^ ]e^
p8+?|f
eddp fkk.prcfl.sr
hhd.pr
eddp
fkkdd.p c fldd/
e I edi|}+
e I ed
h
|}+
643--
+:?8=6 4@:=
=2E49:?8
s@F3=6 4@:=D
=2E49:?8
r@?E24E C6D:DE2?46
:OSHR. ,96 52E2 D9@H? 23@G6 2C6 :?:E:2= G2=F6Db
{@E6Dn ]e^ ,JA:42= G2=F6n +2>A=:?8 BF2?E:EJ7@C 4@?E24E C6D:DE2?46 D92== ?@E =6DD E92?
fd A4D` E2<6 E96 2G6C286 G2=F6 7C@> i 4@?E:?@FD >62DFC6>6?ED 7@C 6249
D2>A=6b


Similar Part No. - HFE22-A/24-D1T22-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE22-A-12-D-1-T-2-1-R HONGFA-HFE22-A-12-D-1-T-2-1-R Datasheet
75Kb / 4P
100A Latching relay
More results

Similar Description - HFE22-A/24-D1T22-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com