Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE22-A/24-D1T22-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE22-A/24-D1T22-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE22-A/24-D1T22-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE22-A/24-D1T22-R Datasheet HTML 1Page - Hongfa Technology HFE22-A/24-D1T22-R Datasheet HTML 2Page - Hongfa Technology HFE22-A/24-D1T22-R Datasheet HTML 3Page - Hongfa Technology HFE22-A/24-D1T22-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.eu@C> q
6.eu@C> p
,JA6 p 4@?E24E E6C>:?2=` /:E9 >:4C@ DH:E49
,JA6 p 4@?E24E E6C>:?2=` /:E9@FE >:4C@ DH:E49
1TRSOMHQ RPHFKDL FOGH
kj
e^
;=23=7:5 7:4;=9/?7;:
AHQRKON
?VPH
wutff ap c
1OKL UOLSDJH
j` ef` fh` hl.sr
ef
e
f
e
,. ,JA6 e-. ,JA6 f
1OKL SHQMKNDL SVPH
,. /:E9@FE >:4C@ DH:E49
-. /:E9 >:4C@ DH:E49
9OTNSKNJ EODQG IOQM
|FE=:?6 s:>6?D:@?D
]000^
as
1ONSDFS IOQM
,
?. p8+?|f
1ONSDFS MDSHQKDL
a*
=. {682E:G6 A@=2C:EJ
:KL. }@D:E:G6 A@=2C:EJ
<OLDQKSV
/. ,JA6 p 4@?E24E E6C>:?2=
0. ,JA6 q 4@?E24E E6C>:?2=
1. ,JA6 r 4@?E24E E6C>:?2=
>OQS
;@?87:3 2793:>7;:>+ B7=7:5 27/5=/9 /:2 <1 0;/=2 8/C;@?
-?:En >>
,. +:?8=6 4@:= =2E49:?8
-. s@F3=6 4@:=D =2E49:?8
:OSHR. e^ w >62?D E92E C6=2J:D @? E96 YC6D6EY DE2EFD H96? 56=:G6CJos >62?D E92E C6=2J:D @? E96 YD6EY DE2EFD H96? 56=:G6CJbx7 ?@ DA6:42= C6BF:C65 3J
4FDE@>6C`H6 H:== <66A E96 C6=2J@? E96 YD6EY DE2EFD H96? 56=:G6CJb
faNfbe edbh
fazj
gh
faibdl
mbke
jbdk
eibi
fe
dbj
faNgbf
embi
eibf
jd
hhbii
l
mbe
fe
eibi
gh
faibdl
fazj
jbe
dbj
mbe
embi
eibf
jd
hhbii
l
faNgbf
ef g
ef g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com