Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX07
Description  Low-voltage CMOS hex buffer (open drain)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX07 Datasheet HTML 1Page - STMicroelectronics 74LCX07 Datasheet HTML 2Page - STMicroelectronics 74LCX07 Datasheet HTML 3Page - STMicroelectronics 74LCX07 Datasheet HTML 4Page - STMicroelectronics 74LCX07 Datasheet HTML 5Page - STMicroelectronics 74LCX07 Datasheet HTML 6Page - STMicroelectronics 74LCX07 Datasheet HTML 7Page - STMicroelectronics 74LCX07 Datasheet HTML 8Page - STMicroelectronics 74LCX07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
October 2012
Doc ID 6818 Rev 8
1/16
16
74LCX07
Low-voltage CMOS hex buffer (open drain)
with 5 V tolerant inputs
Datasheet
−production data
Features
■ 5 V tolerant inputs
■ High speed
–tPD = 5.2 ns (max.) at VCC = 3 V
■ Power-down protection on inputs and outputs
■ Symmetrical output impedance
–|IOH| = IOL = 24 mA (min.) at VCC = 3 V
■ PCI bus levels guaranteed at 24 mA
■ Operating voltage range
–VCC (opr.) = 2.0 V to 3.6 V
■ Pin and function compatible with 74 series 07
■ Latch-up performance exceeds 500 mA
(JESD 17)
■ ESD performance
– HBM: 2000 V (MIL STD 883 method 3015)
– MM: 200 V
– CDM: 1000 V
Applications
■ Automotive
■ Industrial
■ Computer
■ Consumer
Description
The 74LCX07 device is a low-voltage CMOS
open drain hex buffer manufactured with sub-
micron silicon gate and double-layer metal wiring
C2MOS technology. It is ideal for low-power and
high-speed 3.3 V applications and can be
interfaced to a 5 V signal environment for inputs.
The internal circuit is composed of 2 stages
including a buffer output, which provides high
noise immunity and stable output.
It has the same speed performance at 3.3 V as
the 5 V AC/ACT family, combined with lower
power consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2 kV ESD immunity and transient excess
voltage.
SO-14
TSSOP14
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
Marking
74LCX07TTR
-40/+85 °C
TSSOP14
Tape and reel
LCX07
74LCX07YTTR(1)
-40/+85 °C
TSSOP14 (automotive grade)
Tape and reel
LCX07Y
74LCX07MTR
-40/+85 °C
SO-14
Tape and reel
74LCX07
74LCX07YMTR(1)
-40/+85 °C
SO-14 (automotive grade)
Tape and reel
74LCX07Y
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
www.st.com


Similar Part No. - 74LCX07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
Low Voltage Hex Buffer with Open Drain Outputs
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
225Kb / 15P
Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
10-Jul-2006
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07BQX FAIRCHILD-74LCX07BQX Datasheet
69Kb / 10P
Low Voltage Hex Buffer with Open Drain Outputs
More results

Similar Description - 74LCX07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX05 MOTOROLA-MC74LCX05 Datasheet
114Kb / 4P
LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN
logo
STMicroelectronics
M54HC07 STMICROELECTRONICS-M54HC07 Datasheet
227Kb / 9P
HEX BUFFER OPEN DRAIN
Feb-1993
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
Low Voltage Hex Buffer with Open Drain Outputs
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
15-Sep-2004
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
81Kb / 6P
Low-Voltage CMOS Hex Buffer with Open Drain Outputs
May, 2005 ??Rev. 10
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07_06 Datasheet
225Kb / 15P
Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
10-Jul-2006
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
Low Voltage Hex Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com