Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX07 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LCX07
Description  Low-voltage CMOS hex buffer (open drain)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07 Datasheet(HTML) 4 Page - STMicroelectronics

  74LCX07 Datasheet HTML 1Page - STMicroelectronics 74LCX07 Datasheet HTML 2Page - STMicroelectronics 74LCX07 Datasheet HTML 3Page - STMicroelectronics 74LCX07 Datasheet HTML 4Page - STMicroelectronics 74LCX07 Datasheet HTML 5Page - STMicroelectronics 74LCX07 Datasheet HTML 6Page - STMicroelectronics 74LCX07 Datasheet HTML 7Page - STMicroelectronics 74LCX07 Datasheet HTML 8Page - STMicroelectronics 74LCX07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin settings
74LCX07
4/16
Doc ID 6818 Rev 8
2
Pin settings
2.1
Pin connections
Figure 3.
Pin connections (top through view)
2.2
Pin description
2.3
Truth table
Table 2.
Pin description
Pin number
Symbol
Name and function
1, 3, 5, 9, 11, 13
1A to 6A
Data inputs
2, 4, 6, 8, 10, 12
1Y to 6Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
Table 3.
Truth table
Input
Output
AY
LL
H
Z (1)
1.
High impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com