Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3490 Datasheet(PDF) 4 Page - Semtech Corporation

Part # GS3490
Description  Configurable Adaptive Cable Equalizer/Cable Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3490 Datasheet(HTML) 4 Page - Semtech Corporation

  GS3490 Datasheet HTML 1Page - Semtech Corporation GS3490 Datasheet HTML 2Page - Semtech Corporation GS3490 Datasheet HTML 3Page - Semtech Corporation GS3490 Datasheet HTML 4Page - Semtech Corporation GS3490 Datasheet HTML 5Page - Semtech Corporation GS3490 Datasheet HTML 6Page - Semtech Corporation GS3490 Datasheet HTML 7Page - Semtech Corporation GS3490 Datasheet HTML 8Page - Semtech Corporation GS3490 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
4 of 22
Proprietary & Confidential
www.semtech.com
8
EQ_GAIN_SEL
Input
Input Sensitivity Control.
Please refer to the input logic parameter in Table 2-2: DC
Electrical Characteristics for logic level threshold and
compatibility. This pin is a 3.3V input.
When HIGH, the device compensates for an additional 6dB
of loss across the entire operating band.
This pin has an internal 100k
Ω pull-down resistor.
9, 10
AGC/AGC
—
External AGC capacitor connection.
12
NC
—
No Connect. Not bonded internally.
13
EQ_BYPASS
Input
Equalizer Bypass Control.
Please refer to the input logic parameter in Table 2-2 for
Logic Level threshold and compatibility.
For details on operation, refer to Section 4.1.3.
This pin has an internal 100k
Ω pull-down resistor.
14
EQ_SQ_ADJ
Input
Squelch Threshold Adjust.
For details on operation, refer to Section 4.1.5.
This pin has an internal 82.4k
Ω pull-down resistor.
15
EQ_OP_CTL
Input
Controls the Output Swing, De-emphasis and Mute
features of the DDO/DDO outputs.
For details on operation, refer to Section 4.1.7.
This pin has an internal 1M
Ω pull-down resistor.
16
CD_SD_EN
Input
Cable Driver Slew Rate Control.
For details on operation, refer to Section 4.2.4.
When left unconnected, the default state of this pin is logic
HIGH
17, 26, 31, 32
VCC
Power
Most positive power supply connection.
Connect to 3.3V DC.
18, 19
DDI/DDI
Input
Differential digital data input to cable driver core.
22, 23
DDO/DDO
Output
Differential digital data output from cable equalizer core.
27
RSET
—
External cable driver output amplitude control resistor
connection.
28
EQ_DISABLE
Input
Equalizer Mode Disable Control.
Please refer to the input logic parameter in Table 2-2 for
logic level threshold and compatibility.
For details on operation, refer to Section 4.1.1.
This pin has an internal 100k
Ω pull-down resistor.
Table 1-1: GS3490 Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com