Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3490 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS3490
Description  Configurable Adaptive Cable Equalizer/Cable Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3490 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS3490 Datasheet HTML 3Page - Semtech Corporation GS3490 Datasheet HTML 4Page - Semtech Corporation GS3490 Datasheet HTML 5Page - Semtech Corporation GS3490 Datasheet HTML 6Page - Semtech Corporation GS3490 Datasheet HTML 7Page - Semtech Corporation GS3490 Datasheet HTML 8Page - Semtech Corporation GS3490 Datasheet HTML 9Page - Semtech Corporation GS3490 Datasheet HTML 10Page - Semtech Corporation GS3490 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
7 of 22
Proprietary & Confidential
www.semtech.com
CD Output Voltage
VCD(OH)
Carrier not present
2.0
–
–
V
–
VCD(OL)
Carrier present
–
–
0.4
V
–
Input Voltage -
Digital Pins
VEQ_BYPASS,
VEQ_DISABLE,
VEQ_GAIN_SEL,
VCD_SD_EN,
VCD_ENABLE
Minimum to assert and maximum to
de-assert
1.7
–
0.4
V
–
SDI/SDI Common
Mode Voltage
VCMIN
Common Mode
1.62
1.71
1.80
V
–
DDO/DDO Common
Mode Voltage
VCMDDO
Common Mode
See Section 4.1.6
V–
DDI/DDI Common
Mode Voltage
VCMDDI
Common Mode
AC-coupled
1.4 +
ΔV
DDI /
4
–
VCC –
ΔV
DDI /
4
V–
SDO/SDO Common
Mode Voltage
VCMOUT
Common Mode
AC-coupled
–
VTERM -
ΔV
SDO
–V
2
Notes:
1. Power consumed by GS3490 only. Termination resistors draw extra current.
2. Refer to 4.2.3 Serial Data Outputs (SDO/SDO).
3. De-emphasis off. With De-emphasis enabled, add 3mA at typical conditions.
4. De-emphasis off. With De-emphasis enabled, add 10mW at typical conditions.
Table 2-2: DC Electrical Characteristics (Continued)
VCC = +3.3V ± 5%, TA = -20°C to +85°C (unless otherwise shown), Functional Temperature Range: -40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com