Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC196KB Datasheet(PDF) 3 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 3 Page - Intel Corporation

  8XC196KB Datasheet HTML 1Page - Intel Corporation 8XC196KB Datasheet HTML 2Page - Intel Corporation 8XC196KB Datasheet HTML 3Page - Intel Corporation 8XC196KB Datasheet HTML 4Page - Intel Corporation 8XC196KB Datasheet HTML 5Page - Intel Corporation 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AUTOMOTIVE 8XC196KB
IDLPD
Sets the device into Idle or Powerdown
Mode The instruction has the following
format IDLPD
key (where key e 1 for
Idle and key e 2 for Powerdown Illegal
keys are processed but no action is tak-
en
CMPL
Compare 2 long direct values Only the
direct addressing mode is supported for
this instruction and the format follows the
CMP format
BMOV
Block move using 2 auto-incrementing
pointers and a counter The instruction
has
the
following
format
BMOV
IPTRwCNT The IPTR is a long word
with the low word being the address of
the source and the upper word being the
address of the destination wCNT is the
number of words to be transferred
DJNZW
Decrement Jump Not Zero using a word
counter The instruction format follows
the DJNZ instruction
See the Functional Deviations section for details
SFR OPERATION
All of the registers that were present on the 8096
work the same way as they did except that the baud
rate value will be different on the 8XC196KB The
new registers shown in the memory map control new
functions The most important register is the Window
Select Register (WSR) which allows the reading of
the formerly write-only registers and vice-versa
PACKAGING
The 8XC196KB is available in 68-pin plastic leaded
chip carrier (PLCC) and 68-pin CERQUAD pack-
ages Contact your local sales office to determine
the exact ordering code for the part desired
270679 – 2
Figure 3 68-Pin PLCC Package
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com