Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC196KB Datasheet(PDF) 6 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 6 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 2Page - Intel Corporation 8XC196KB Datasheet HTML 3Page - Intel Corporation 8XC196KB Datasheet HTML 4Page - Intel Corporation 8XC196KB Datasheet HTML 5Page - Intel Corporation 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AUTOMOTIVE 8XC196KB
PIN DESCRIPTIONS (Continued)
Symbol
Name and Function
RD
Read Signal Output to External Memory RD is active only during external memory reads
WR WRL
Write and Write Low Output to External Memory as Selected by the CCR WR will go low
for every external write while WRL will go low only for external writes where an even byte is
being written WR WRL is active during external memory writes
BHE WRH
Byte High Enable or Write High Output as Selected by the CCR BHE e 0 selects the bank
of memory that is connected to the high byte of the data bus A0 e 0 selects that bank of
memory that is connected to the low byte Thus accesses to a 16-bit wide memory can be
to the low byte only (A0 e 0 BHE e 1) to the high byte only (A0 e 1 BHE e 0) or both
bytes (A0 e 0 BHE e 0) If the WRH function is selected the pin will go low if the bus
cycle is writing to an odd memory location BHE WRH is only valid during 16-bit external
memory write cycles
READY
Ready Input to lengthen external memory cycles for interfacing with slow or dynamic
memory or for bus sharing If the pin is high CPU operation continues in a normal manner
If the pin is low prior to the falling edge of CLKOUT the memory controller goes into a wait
state mode until the next positive transition in CLKOUT occurs with READY high When
external memory is not used READY has no effect The number of wait states inserted into
the bus cycle is controlled by the CCR
HSI
Inputs to High Speed Input Unit Four HSI pins are available HSI0 HSI1 HSI2 HSI3
Two of which are shared with the HSO Unit (HSI2 and HSI3) The HSI pins are also used
as the SID in Slave Programming Mode
HSO
Outputs from High Speed Output Unit Six HSO pins are available (HSO0 through HSO5)
HSO4 and HSO5 are shared with HSI
PORT 0
8-Bit High Impedance Input-Only Port These pins can be used as digital inputs andor as
analog inputs to the on-chip AD converter These pins are also used as inputs to EPROM
parts to select the Programming Mode
PORT 1
8-Bit Quasi-Bidirectional IO Port
PORT 2
8-Bit Multi-Functional Port All of its pins are shared with other functions
PORT 3 and 4
8-Bit Bidirectional IO Ports with Open Drain Outputs These pins are shared with the
multiplexed addressdata bus which has strong internal pullups
HOLD
Bus Hold Input Requesting Control of the Bus Enabled by Setting WSR7
HLDA
Bus Hold Acknowledge Output Indicating Release of the Bus Enabled by setting WSR7
BREQ
Bus Request Output Activated when the bus controller has a pending external memory
cycle Enabled by setting WSR7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com