Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMC010FLSA Datasheet(PDF) 6 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 6 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 2Page - Intel Corporation IMC010FLSA Datasheet HTML 3Page - Intel Corporation IMC010FLSA Datasheet HTML 4Page - Intel Corporation IMC010FLSA Datasheet HTML 5Page - Intel Corporation IMC010FLSA Datasheet HTML 6Page - Intel Corporation IMC010FLSA Datasheet HTML 7Page - Intel Corporation IMC010FLSA Datasheet HTML 8Page - Intel Corporation IMC010FLSA Datasheet HTML 9Page - Intel Corporation IMC010FLSA Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
290434 – 1
Figure 2 Memory Architecture Each Device Pair Consists of Sixteen 64 KWord Blocks
Series 2 Flash Memory Cards offer additional fea-
tures over the Bulk Erase Flash Card product family
(refer
to
iMC001FLKA
iMC002FLKA
and
iMC004FLKA data sheets) Some of the more nota-
ble enhancements include high density capability
erase blocking
internal writeerase automation
erase suspension to read Component Management
Registers that provide software control of device-
level functions and a deep-sleep mode
Erase blocking facilitates solid-state storage applica-
tions by allowing selective memory reclamation Mul-
tiple 64 Kbyte blocks may be simultaneously erased
within the memory card as long as not more than
one block per device is erasing This shortens the
total time required for erasure but requires addition-
al supply current A block typically requires 16 sec-
onds to erase Each memory block can be erased
and completely written 100000 times
Erase suspend allows the system to temporarily in-
terrupt a block erase operation This mode permits
reads from alternate device blocks while that same
device contains an erasing block Upon completion
of the read operation erasure of the suspended
block must be resumed
Writeerase automation simplifies the system soft-
ware interface to the card A two-step command se-
quence initiates write or erase operations and pro-
vides additional data security Internal device circuits
automatically execute the algorithms and timings
necessary for data-write or block-erase operations
including verifications for long-term data integrity
While performing either data-write or block-erase
the memory card interface reflects this by bringing
its RDYBSY
(ReadyBusy) pin low This output
goes high when the operation completes This fea-
ture reduces CPU overhead and allows software
polling or hardware interrupt mechanisms Writing
memory data is achieved in single byte or word in-
crements typically in 6 ms
Read access time is 150 ns or less over the entire
operating temperature range
The Reset-PowerDown mode reduces power con-
sumption to less than 60 mA to help extend battery
life of portable host systems Activated through soft-
ware control this mode optionally affects the entire
flash array (Global Reset-PowerDown Register) or
specific device pairs (Sleep Control Register)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com