Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMC010FLSA Datasheet(PDF) 7 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 7 Page - Intel Corporation

Back Button IMC010FLSA Datasheet HTML 3Page - Intel Corporation IMC010FLSA Datasheet HTML 4Page - Intel Corporation IMC010FLSA Datasheet HTML 5Page - Intel Corporation IMC010FLSA Datasheet HTML 6Page - Intel Corporation IMC010FLSA Datasheet HTML 7Page - Intel Corporation IMC010FLSA Datasheet HTML 8Page - Intel Corporation IMC010FLSA Datasheet HTML 9Page - Intel Corporation IMC010FLSA Datasheet HTML 10Page - Intel Corporation IMC010FLSA Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
PCMCIAJEIDA INTERFACE
The Series 2 Flash Memory Card interface supports
the PCMCIA 21 and JEIDA 41 68-pin card format
(see Tables 1 and 2) Detailed specifications are de-
scribed in the PC Card Standard Release 21 July
1993 published by PCMCIA The Series 2 Card con-
forms to the requirements of both Release 1 and
Release 2 of the PC Card Standard
Series 2 Card pin definitions are equivalent to the
Bulk-Erase Flash Card except that certain No Con-
nects are now used A22 through A24 RST (Reset)
and RDYBSY
(ReadyBusy) have pin assign-
ments as set by the PCMCIA standard
NOTE The READYBUSY signal is abbreviated as
RDYBSY
by PCMCIA (card level) and as
RYBY
by JEDEC (component level)
The outer shell of the Series 2 card meets all
PCMCIAJEIDA Type 1 mechanical specifications
See Figure 19 for mechanical dimensions
WRITE PROTECT SWITCH
A mechanical write protect switch provides the
card’s memory array with internal write lockout The
Write-Protect (WP) output pin reflects the status of
this mechanical switch It outputs a high signal (VOH)
when writes are disabled This switch does not lock
out writes to the Component Management Regis-
ters
BATTERY VOLTAGE DETECT
PCMCIA requires two signals BVD1 and BVD2 be
supplied at the interface to reflect card battery con-
dition Flash Memory Cards do not require batteries
When the power on reset cycle is complete BVD1
and BVD2 are driven high to maintain compatibility
CARD DETECT
Two signals CD1
and CD2
allow the host to de-
termine proper socket seating They reside at oppo-
site ends of the connector and are tied to ground
within the memory card
DESIGN CONSIDERATIONS
The Series 2 Card consists of two separate memory
planes the Common Memory Plane (or Main Memo-
ry) and the Attribute Memory Plane The Common
Memory Plane resides in the banks of device pairs
and represents the user-alterable memory space
The Component Management Registers (CMR) and
the hardwired Card Information Structure (CIS) re-
side in the Attribute Memory Plane within the Card
Control Logic as shown in Figure 3 The Card Con-
trol Logic interfaces the PCMCIA connector and the
internal flash memory array and performs address
decoding and data control
Attribute Memory Plane
accessible with
REG (pin 61) e VIL
290434 – 2
INTEL
e
Performance Enhancement Register
PCMCIA
e
Defined in PCMCIA Release 20
Figure 3 Component Management Registers Allow SW Control of Components within Card
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com