Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSFC110 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSFC110
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSFC110 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSFC110 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSFC110
Document Number: MSFC110
www.smsemi.com
Sep.06,2013
3
Performance Curves
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
0 ITAV
50
100
A 150
200
W
150
100
50
PTAV
0
rec.30
rec.60
rec.120
sin.180
DC
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Fig5. Forward Characteristics
0.001 t 0.01
0.1
1
10
S 100
0.50
℃
/ W
0.25
0
Zth(j-C)
Zth(j-S)
10
100
ms 1000
50HZ
2500
A
1250
0
0 VTM
0.5
1.0
1.5
V 2.0
300
A
200
100
IT
0
max.
Typ.
DC
sin.180
rec.120
rec.60
rec.30
ITAVM
200
A
160
120
80
40
0
0 Tc
50
100
℃
130
150 ℃
25℃
- - -125℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com