Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSFC110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSFC110
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSFC110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSFC110 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSFC110
Document Number: MSFC110
www.smsemi.com
Sep.06,2013
1
Module Type
◆
Diode
Maximum Ratings
Symbol
Item
Conditions
Values
Units
ID
Output Current(D.C.)
Tc=85℃
110
A
IFSM
Surge forward current
t=10mS Tvj =45℃
2250
A
i
2t
Circuit Fusing Consideration
25000
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
Operating Junction Temperature
-40 to +125
℃
Tstg
Storage Temperature
-40 to +125
℃
Mt
Mounting Torque
To terminals(M5)
3±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module(
Approximately)
100
g
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case
0.14
℃
/W
Rth(c-s)
Thermal Impedance, max.
Case to Heatsink
0.10
℃
/W
Electrical Characteristics
Thyristor/Diode Modules
VRRM / VDRM
800 to 1600V
IFAV / ITAV
110Amp
Features
International standard package
High Surge Capability
Glass passivated chip
Simple Mounting
Heat transfer through aluminum oxide
DBCceramic isolated metal baseplate
UL E243882 approved
TYPE
VRRM/VDRM
VRSM
MSFC110-08
MSFC110-12
MSFC110-16
800V
1200V
1600V
900V
1300V
1700V
Circuit
MSFC
1
3
2
4
5
Applications
Power Converters
Lighting Control
DC Motor Control and Drives
Heat and temperature control
Symbol
Item
Conditions
Values
Units
Min.
Typ.
Max.
VFM
Forward Voltage Drop, max.
T=25℃ IF =300A
1.65
V
IRRM
Repetitive Peak Reverse Current,
max.
Tvj =25℃ VRD=VRRM
Tvj =125℃ VRD=VRRM
≤0.5
≤6
mA
mA


Similar Part No. - MSFC110

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
MSFC12-83-026K0 KSS-MSFC12-83-026K0 Datasheet
151Kb / 1P
AMPS-IF
MSFC12-85-026K1 KSS-MSFC12-85-026K1 Datasheet
151Kb / 1P
AMPS-IF
logo
List of Unclassifed Man...
MSFC130 ETC2-MSFC130 Datasheet
224Kb / 4P
Thyristor/Diode Modules
MSFC130-08 ETC2-MSFC130-08 Datasheet
224Kb / 4P
Thyristor/Diode Modules
MSFC130-12 ETC2-MSFC130-12 Datasheet
224Kb / 4P
Thyristor/Diode Modules
More results

Similar Description - MSFC110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com