Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28F008 Datasheet(PDF) 16 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 16 Page - Intel Corporation

Back Button M28F008 Datasheet HTML 12Page - Intel Corporation M28F008 Datasheet HTML 13Page - Intel Corporation M28F008 Datasheet HTML 14Page - Intel Corporation M28F008 Datasheet HTML 15Page - Intel Corporation M28F008 Datasheet HTML 16Page - Intel Corporation M28F008 Datasheet HTML 17Page - Intel Corporation M28F008 Datasheet HTML 18Page - Intel Corporation M28F008 Datasheet HTML 19Page - Intel Corporation M28F008 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
M28F008
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
b
55 Cto a125 C
Temperature Under Bias
b
55 Cto a125 C
Storage Temperature
b
65 Cto a125 C
Voltage on Any Pin
(except VCC and VPP)
with Respect to GND
b
20V to a70V(1)
VPP Program Voltage with
Respect to GND during
Block EraseByte Write
b
20V to a140V(1 2)
VCC Supply Voltage
with Respect to GND
b
20V to a70V(1)
Output Short Circuit Current
100 mA(3)
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
NOTES
1 Minimum DC voltage is b05V on inputoutput pins During transitions this level may undershoot to b20V for periods
k
20 ns Maximum DC voltage on inputoutput pins is VCC a 05V which during transitions may overshoot to VCC a 20V
for periods k20 ns
2 Maximum DC voltage on VPP may overshoot to a140V for periods k20 ns
3 Output shorted for no more than one second No more than one output shorted at a time
OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
TC
Operating Temperature
b
55
a
125
C
VCC
VCC Supply Voltage (10%)
450
550
V
DC CHARACTERISTICS
Symbol
Parameter
Notes
MC28F008 and
Unit
Test Conditions
MF28F008
Min
Max
ILI
Input Load Current
1
g
10
m
AVCC e VCC Max
VIN e VCC or GND
ILO
Output Load Current
1
g
10
m
AVCC e VCC Max
VOUT e VCC or GND
ICCS
VCC Standby Current
1 3
20
mA
VCC e VCC Max
CE e RP e VIH
150
m
AVCC e VCC Max
CE e RP e VCC g02V
ICCD
VCC Deep Powerdown Current
1
100
m
ARP e GND g02V
IOUT (RYBY) e 0mA
ICCR
VCC Read Current
1
35
mA
VCC e VCC Max CE e GND
F e 8 MHz IOUT e 0 mA
CMOS Inputs
50
mA
VCC e VCC Max CE e VIL
F e 8 MHz IOUT e 0 mA
TTL Inputs
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com