Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28F008 Datasheet(PDF) 5 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 5 Page - Intel Corporation

  M28F008 Datasheet HTML 1Page - Intel Corporation M28F008 Datasheet HTML 2Page - Intel Corporation M28F008 Datasheet HTML 3Page - Intel Corporation M28F008 Datasheet HTML 4Page - Intel Corporation M28F008 Datasheet HTML 5Page - Intel Corporation M28F008 Datasheet HTML 6Page - Intel Corporation M28F008 Datasheet HTML 7Page - Intel Corporation M28F008 Datasheet HTML 8Page - Intel Corporation M28F008 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
M28F008
271232 – 3
Figure 3 M28F008 Array Interface to Intel386TM SL Microprocessor Superset through PI Bus
(Including RYBY Masking and Selective Powerdown) for DRAM Backup during System SUSPEND
Resident OS and Applications and Motherboard Solid-State Disk
PRINCIPLES OF OPERATION
The M28F008 includes on-chip write automation to
manage write and erase functions The Write State
Machine allows for 100% TTL-level control inputs
fixed power supplies during block erasure and byte
write and minimal processor overhead with RAM-
like interface timings
After initial device powerup or after return from
deep powerdown mode (see Bus Operations) the
M28F008 functions as a read-only memory Manipu-
lation of external memory-control pins allow array
read standby and output disable operations Both
Status
Register
and
intelligent
identifier
can
also be accessed through the Command User Inter-
face when VPP e VPPL
This same subset of operations is also available
when high voltage is applied to the VPP pin In addi-
tion high voltage on VPP enables successful block
erasure and byte writing of the device All functions
associated with altering memory contentsbyte
write block erase status and intelligent identifier
are accessed via the Command User Interface and
verified thru the Status Register
Commands are written using standard microproces-
sor write timings Command User Interface contents
serve as input to the WSM which controls the block
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com