Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M87C196KC Datasheet(PDF) 2 Page - Intel Corporation

Part # M87C196KC
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M87C196KC Datasheet(HTML) 2 Page - Intel Corporation

  M87C196KC Datasheet HTML 1Page - Intel Corporation M87C196KC Datasheet HTML 2Page - Intel Corporation M87C196KC Datasheet HTML 3Page - Intel Corporation M87C196KC Datasheet HTML 4Page - Intel Corporation M87C196KC Datasheet HTML 5Page - Intel Corporation M87C196KC Datasheet HTML 6Page - Intel Corporation M87C196KC Datasheet HTML 7Page - Intel Corporation M87C196KC Datasheet HTML 8Page - Intel Corporation M87C196KC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
M87C196KCM87C196KD
271116 – 1
Figure 1 M87C196KCKD Block Diagram
PACKAGING
PGA
CQFP
Signal
1
9
ACH7P07
2
8
ACH6P06
3
7
ACH2P02
4
6
ACH0P00
5
5
ACH1P01
6
4
ACH3P03
7
3
NMI
82
EA
91
VCC
10
68
VSS
11
67
XTAL1
12
66
XTAL2
13
65
CLKOUT
14
64
BUSWIDTH
15
63
INST
16
62
ALEADV
17
61
RD
18
60
AD0P30
19
59
AD1P31
20
58
AD2P32
21
57
AD3P33
22
56
AD4P34
23
55
AD5P35
PGA CQFP
Signal
24
54
AD6P36
25
53
AD7P37
26
52
AD8P40
27
51
AD9P41
28
50
AD10P42
29
49
AD11P43
30
48
AD12P44
31
47
AD13P45
32
46
AD14P46
33
45
AD15P47
34
44
T2CLKP23
35
43
READY
36
42
T2RSTP24AINC
37
41
BHE WRH
38
40
WR WRL
39
39
PWM0P25
40
38
T2CAPTUREP27PACT
41
37
VPP
42
36
VSS
43
35
HS03
44
34
HS02
45
33
T2UP-DNP26
46
32
P17HOLD
PGA
CQFP
Signal
47
31
P16HLDA
48
30
P15BREQ
49
29
HSO1
50
28
HSO0
51
27
HSO5HSI3
52
26
HSO4HSI2
53
25
HSI1
54
24
HSI0
55
23
P14PWM2
56
22
P13PWM1
57
21
P12
58
20
P11
59
19
P10
60
18
TXDP20
61
17
RXDP21
62
16
RESET
63
15
EXTINTP22
64
14
VSS
65
13
VREF
66
12
ANGND
67
11
ACH4P04
68
10
ACH5P05
Figure 2 Pin Definitions
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com