Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M87C196KC Datasheet(PDF) 22 Page - Intel Corporation

Part # M87C196KC
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M87C196KC Datasheet(HTML) 22 Page - Intel Corporation

Back Button M87C196KC Datasheet HTML 15Page - Intel Corporation M87C196KC Datasheet HTML 16Page - Intel Corporation M87C196KC Datasheet HTML 17Page - Intel Corporation M87C196KC Datasheet HTML 18Page - Intel Corporation M87C196KC Datasheet HTML 19Page - Intel Corporation M87C196KC Datasheet HTML 20Page - Intel Corporation M87C196KC Datasheet HTML 21Page - Intel Corporation M87C196KC Datasheet HTML 22Page - Intel Corporation M87C196KC Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
M87C196KCM87C196KD
M87C196KD DESIGN INFORMATION
M87C196KD Enhancements over the M87C196KC
The M87C196KD is an enhanced pin-for-pin compatible upgrade to the M87C196KC The M87C196KD offers
the same functionality packages and pin-outs as the M87C196KC with twice the on-chip EPROM and register
RAM
1 Doubling the on-chip EPROM to 32 KBytes allows for larger on-chip programs
2 Doubling the on-chip RAM to 1000 bytes allows for faster and more optimized code execution
M87C196KC TO M87C196KD DESIGN
CONSIDERATIONS
Due to the added memory a few memory-specific
functions have been modified on the M87C196KD
1 The AC characteristic RD Low to Address Float
(TRLAZ) maximum has been increased from 15
ns on the M87C196KC to 30 ns on the
M87C196KD
2 The memory map is expanded to accommodate
the additional memory Because the added mem-
ory resides in memory locations that were always
external to the M87C196KC M87C196KC code
may have to be modified to run on the
M87C196KD
3 The vertical windowing map is extended to allow
all 1000 bytes of register RAM to be windowed
into the lower register file
4 The M87C196KD has a different autoprogram-
ming algorithm to support 32 KBytes of on-chip
EPROM
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com