Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C237 Datasheet(PDF) 18 Page - Intersil Corporation

Part # CS82C237
Description  CMOS High Performance Programmable DMA Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C237 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button CS82C237 Datasheet HTML 14Page - Intersil Corporation CS82C237 Datasheet HTML 15Page - Intersil Corporation CS82C237 Datasheet HTML 16Page - Intersil Corporation CS82C237 Datasheet HTML 17Page - Intersil Corporation CS82C237 Datasheet HTML 18Page - Intersil Corporation CS82C237 Datasheet HTML 19Page - Intersil Corporation CS82C237 Datasheet HTML 20Page - Intersil Corporation CS82C237 Datasheet HTML 21Page - Intersil Corporation CS82C237 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
4-165
82C237
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C237. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
I82C237 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
M82C237 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
50
10
CLCC Package . . . . . . . . . . . . . . . . . .
65
14
PDIP Package . . . . . . . . . . . . . . . . . . .
55
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
50
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature Ceramic Package . . . . . . . +175oC
Maximum Junction Temperature Plastic Package . . . . . . . . . +150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300oC
Ceramic Package
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +260oC
Plastic Package
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2325 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = +5.0 ±10%, TA = 0oC to +70oC (C82C237)
TA = -40
oC to +85oC (I82C237)
TA = -55
oC to +125oC (M82C237)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2
-
V
C82C237, I82C237
2.2
-
V
M82C237
VIL
Logical Zero Input Voltage
-
0.8
V
VIHC
CLK Input Logical One Voltage
VCC -0.8
-
V
VILC
CLK Input Logical Zero Voltage
-
0.8
V
VOH
Output HIGH Voltage
3.0
-
V
IOH = -2.5mA
VCC -0.4
-
V
IOH = -100
µA
VOL
Output LOW Voltage
-
0.4
V
IOL = +2.5mA all output except EOP,
IOL = +3.2mA for EOP pin 36 only.
II
Input Leakage Current
-1
+1
µA
VIN = GND or VCC, Pins 6, 7, 11-13, 16-19
IO
Output Leakage Current
-10
+10
µA
VOUT = GND or VCC, Pins 1-5, 21-23, 26-30,
32-40
ICCSB
Standby Power Supply
Current
-10
µAVCC = 5.5V, VIN = VCC or GND, Outputs
Open
ICCOP
Operating Power Supply
Current
-
2
mA/MHz
VCC = 5.5V, CLK FREQ = Maximum,
VIN = VCC or GND, Outputs Open
Capacitance
TA = +25
oC
SYMBOL
PARAMETER
TYP
UNITS
TEST CONDITIONS
CIN
Input Capacitance
25
pF
FREQ = 1MHz, All measurements are
referenced to device GND
COUT
Output Capacitance
40
pF
CI/O
I/O Capacitance
25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com