Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C237 Datasheet(PDF) 19 Page - Intersil Corporation

Part # CS82C237
Description  CMOS High Performance Programmable DMA Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C237 Datasheet(HTML) 19 Page - Intersil Corporation

Back Button CS82C237 Datasheet HTML 15Page - Intersil Corporation CS82C237 Datasheet HTML 16Page - Intersil Corporation CS82C237 Datasheet HTML 17Page - Intersil Corporation CS82C237 Datasheet HTML 18Page - Intersil Corporation CS82C237 Datasheet HTML 19Page - Intersil Corporation CS82C237 Datasheet HTML 20Page - Intersil Corporation CS82C237 Datasheet HTML 21Page - Intersil Corporation CS82C237 Datasheet HTML 22Page - Intersil Corporation CS82C237 Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
4-166
82C237
AC Electrical Specifications
VCC = +5.0V ±10%, GND = 0V, TA = 0
oC to +70oC (C82C237),
TA = -40
oC to +85oC (I82C237),
TA = -55
oC to +125oC (M82C237)
SYMBOL
PARAMETER
82C237
82C237-12
UNITS
MIN
MAX
MIN
MAX
DMA (MASTER) MODE
(1)TAEL
AEN HIGH from CLK LOW (S1) Delay Time
-
105
-
50
ns
(2)TAET
AEN LOW from CLK HIGH (SI) Delay Time
-
80
-
50
ns
(3)TAFAB
ADR Active to Float Delay from CLK HIGH
-
55
-
55
ns
(4)TAFC
READ or WRITE Float Delay from CLK HIGH
-
75
-
50
ns
(5)TAFDB
DB Active to Float Delay from CLK HIGH
-
135
-
90
ns
(6)TAHR
ADR from READ HIGH Hold Time
TCY-75
-
TCY-65
-
ns
(7)TAHS
DB from ADSTB LOW Hold Time
TCL-18
-
TCL-18
-
ns
(8)TAHW
ADR from WRITE HIGH Hold Time
TCY-65
-
TCY-50
-
ns
(9)TAK
DACK Valid from CLK LOW Delay Time
-
105
-
69
ns
EOP HIGH from CLK HIGH Delay Time
-
105
-
90
ns
EOP LOW from CLK HIGH Delay Time
-
60
-
35
ns
(10)TASM
ADR Stable from CLK HIGH
-
60
-
50
ns
(11)TASS
DB to ADSTB LOW Setup Time
TCH-20
-
TCH-20
-
ns
(12)TCH
CLK HIGH Time (Transitions 10ns)
55
-
30
-
ns
(13)TCL
CLK LOW Time (Transitions 10ns)
43
-
30
-
ns
(14)TCY
CLK Cycle Time
125
-
80
-
ns
(15)TDCL
CLK HIGH to READ or WRITE LOW Delay
-
130
-
120
ns
(16)TDCTR
READ HIGH from CLK HIGH (S4) Delay Time
-
115
-
80
ns
(17)TDCTW
WRITE HIGH from CLK HIGH (S4) Delay Time
-
80
-
70
ns
(18)TDQ
HRQ Valid from CLK HIGH Delay Time
-
75
-
30
ns
(19)TEPH
EOP Hold Time from CLK LOW (S2)
90
-
50
-
ns
(20)TEPS
EOP LOW to CLK LOW Setup Time
25
-
0
-
ns
(21)TEPW
EOP Pulse Width
135
-
50
-
ns
(22)TFAAB
ADR Valid Delay from CLK HIGH
-
60
-
50
ns
(23)TFAC
READ or WRITE Active from CLK HIGH
-
90
-
50
ns
(24)TFADB
DB Valid Delay from CLK HIGH
-
60
-
45
ns
(25)THS
HLDA Valid to CLK HIGH Setup Time
45
-
10
-
ns
(26)TIDH
Input Data from MEMR HIGH Hold Time
0
-
0
-
ns
(27)TIDS
Input Data to MEMR HIGH Setup Time
90
-
45
-
ns
(28)TODH
Output Data from MEMW HIGH Hold Time
15
-
TCY-50
-
ns
(29)TODV
Output Data Valid to MEMW HIGH
TCY-35
-
TCY-10
-
ns
(30)TQS
DREQ to CLK LOW (SI, S4) Setup Time
0
-
0
-
ns
(31)TRH
CLK to READY LOW Hold Time
20
-
10
-
ns
(32)TRS
READY to CLK LOW Setup Time
35
-
15
-
ns
(33)TCLSH
ADSTB HIGH from CLK LOW Delay Time
-
70
-
70
ns
(34)TCLSL
ADSTB LOW from CLK LOW Delay Time
-
120
-
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com