Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C50 Datasheet(PDF) 13 Page - Intersil Corporation

Part # 82C50
Description  CMOS Asynchronous Communications Element
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C50 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button 82C50 Datasheet HTML 9Page - Intersil Corporation 82C50 Datasheet HTML 10Page - Intersil Corporation 82C50 Datasheet HTML 11Page - Intersil Corporation 82C50 Datasheet HTML 12Page - Intersil Corporation 82C50 Datasheet HTML 13Page - Intersil Corporation 82C50 Datasheet HTML 14Page - Intersil Corporation 82C50 Datasheet HTML 15Page - Intersil Corporation 82C50 Datasheet HTML 16Page - Intersil Corporation 82C50 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Transmitter
The serial transmitter section consists of a Transmitter Hold-
ing Register (THR), Transmitter Shift Register (TSR), and
associated control logic. The Transmitter Holding Register
Empty (THRE) and Transmitter Shift Register Empty (TEMT)
are two bits in the Line Status Register which indicate the
status of THR and TSR. To transmit a 5-8 bit word, the word
is written through D0-D7 to the THR. The microprocessor
should perform a write operation only if THRE is high. The
THRE is set high when the word is automatically transferred
from the THR to the TSR during the transmission of the start
bit.
When the transmitter is idle, both THRE and TEMT are high.
The first word written causes THRE to be reset to 0. After
completion of the transfer, THRE returns high. TEMT
remains low for at least the duration of the transmission of
the data word. If a second character is transmitted to the
THR, the THRE is reset low. Since the data word cannot be
transferred from the THR to the TSR until the TSR is empty,
THRE remains low until the TSR has completed transmis-
sion of the word. When the last word has been transmitted
out of the TSR, TEMT is set high. THRE is set high one THR
to TSR transfer time later.
Receiver
Serial asynchronous data is input into the SIN pin. The idle
state of the line providing the input into SIN is high. A start
bit detect circuit continually searches for a high to low transi-
tion from the idle state. When the transition is detected, a
counter is reset, and counts the 16X clock to 7 1/2, which is
the center of the start bit. The start bit is valid if the SIN is
still low at the mid bit sample of the start bit. Verifying the
start bit prevents the receiver from assembling an incorrect
data character due to a low going noise spike on the SIN
input.
The Line Control Register determines the number of data
bits in a character (LCR(0), LCR(1)), number of stop bits
LCR(2), if parity is used LCR(3), and the polarity of parity
LCR(4). Status information for the receiver is provided in the
Line Status Register. When a character is transferred from
the Receiver Shift Register to the Receiver Buffer Register,
the Data Received indication in LSR(0) is set high. The CPU
reads the Receiver Buffer Register through D0-D7. This read
resets LSR(0). If D0-D7 are not read prior to a new character
transfer from the RSR to the RBR, the overrun error status
indication is set in LSR(1). The parity check tests for even or
odd parity on the parity bit, which precedes the first stop bit.
If there is a parity error, the parity error is set in LSR (2).
There is circuitry which tests whether the stop bit is high. If it
is not, a framing error indication is generated in LSR(3).
The center of the start bit is defined as clock count 7 1/2. If
the data into SIN is a symmetrical square wave, the center of
the data cells will occur within
±3.125% of the actual center,
providing an error margin of 46.875%. The start bit can
begin as much as one 16X clock cycle prior to being
detected.
Baud Rate Generator (BRG)
The BRG generates the clocking for the UART function,
providing standard ANSI/CCITT bit rates. The oscillator
driving the BRG may be provided either with the addition of
an external crystal to the XTAL1 and XTAL2 inputs, or an
external clock into XTAL1. In either case, a buffered clock
output, BAUDOUT, is provided for other system clocking. If
two 82C50As are used on the same board, one can use a
crystal, and the buffered clock output can be routed directly
into the XTAL1 of the second 82C50A.
The data rate is determined by the Divisor Latch registers
DLL and DLM and the external frequency or crystal input,
with the BAUDOUT providing an output 16X the data rate.
The bit rate is selected by programming the two divisor
latches, Divisor Latch Most Significant Byte and Divisor
Latch Least Significant Byte. Setting DLL = 1 and DLM = 0
selects the divisor to divide by 1 (divide by 1 gives maximum
baud rate for a given input frequency at XTAL1). The on-chip
oscillator is optimized for a 10MHz crystal. Usually, higher
frequency are less expensive than lower frequency crystals.
The BRG can use any of three different popular crystals to
provide standard baud rates. The frequency of these three
common
crystals
on
the
market
are
1.8432MHz,
2.4576MHz, and 3.072MHz. With these standard crystals,
standard bit rates from 50 to 38.5kbps are available. The fol-
lowing tables illustrate the divisors needed to obtain
standard rates using these three crystal frequencies.
TABLE 4. BAUD RATES USING 1.8432MHz CRYSTAL
DESIRED
BAUD
RATE
DIVISOR USED TO
GENERATE
16 x CLOCK
PERCENT ERROR
DIFFERENCE BETWEEN
DESIRED AND ACTUAL
50
2304
-
75
1536
-
110
1047
0.026
134.5
857
0.058
150
768
-
300
384
-
600
192
-
1200
96
-
1800
64
-
2000
58
0.69
2400
48
-
3600
32
-
4800
24
-
7200
16
-
9600
12
-
19200
6
-
38400
3
-
56000
2
2.86
82C50A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com