Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS374MS Datasheet(PDF) 7 Page - Intersil Corporation

Part # ACTS374MS
Description  Radiation Hardened Octal D Flip-Flop, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS374MS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ACTS374MS Datasheet HTML 2Page - Intersil Corporation ACTS374MS Datasheet HTML 3Page - Intersil Corporation ACTS374MS Datasheet HTML 4Page - Intersil Corporation ACTS374MS Datasheet HTML 5Page - Intersil Corporation ACTS374MS Datasheet HTML 6Page - Intersil Corporation ACTS374MS Datasheet HTML 7Page - Intersil Corporation ACTS374MS Datasheet HTML 8Page - Intersil Corporation ACTS374MS Datasheet HTML 9Page - Intersil Corporation ACTS374MS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ACTS374MS
Pulse Width, Setup, Hold Timing Diagram Positive Edge Trigger and AC Load Circuit
Three-State High Timing Diagram and Load Circuit
Three-State Low Timing Diagram and Load Circuit
INPUT
VIL
VIL
VS
VIH
INPUT CP
VIH
TH = HOLD TIME
TSU = SETUP TIME
TW = PULSE WIDTH
TW
TSU
TH
TW
VS
DUT
TEST
CL
RL
POINT
50pF
500
Ω
PULSE WIDTH, SETUP, HOLD VOLTAGE LEVELS
PARAMETER
ACTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
TPHZ
INPUT
VS
TPZH
VT
VIH
VSS
VOH
VOZ
OUTPUT
VW
DUT
TEST
CL
RL
POINT
50pF
500
Ω
PULSE WIDTH, SETUP, HOLD VOLTAGE LEVELS
PARAMETER
ACTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
3.60
V
GND
0
V
TPLZ
INPUT
VS
TPZL
VT
VIH
VSS
VOZ
VOL
OUTPUT
VW
CL
RL
DUT
TEST
POINT
VCC
500
Ω
50pF
PULSE WIDTH, SETUP, HOLD VOLTAGE LEVELS
PARAMETER
ACTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
0.90
V
GND
0
V
Spec Number
518828



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com