Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS374MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACTS374MS
Description  Radiation Hardened Octal D Flip-Flop, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS374MS Datasheet(HTML) 3 Page - Intersil Corporation

  ACTS374MS Datasheet HTML 1Page - Intersil Corporation ACTS374MS Datasheet HTML 2Page - Intersil Corporation ACTS374MS Datasheet HTML 3Page - Intersil Corporation ACTS374MS Datasheet HTML 4Page - Intersil Corporation ACTS374MS Datasheet HTML 5Page - Intersil Corporation ACTS374MS Datasheet HTML 6Page - Intersil Corporation ACTS374MS Datasheet HTML 7Page - Intersil Corporation ACTS374MS Datasheet HTML 8Page - Intersil Corporation ACTS374MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Specifications ACTS374MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
TPHL1
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
19
ns
10, 11
+125oC, -55oC
2
22
ns
TPLH1
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
18
ns
10, 11
+125oC, -55oC
2
21
ns
TPZL1
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
18
ns
10, 11
+125oC, -55oC
2
21
ns
TPZH1
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
17
ns
10, 11
+125oC, -55oC
2
19
ns
TPLZ1
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
16
ns
10, 11
+125oC, -55oC
2
18
ns
TPHZ1
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
16
ns
10, 11
+125oC, -55oC
2
19
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC
-
18
-
pF
+125oC
-
24
-
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
10
pF
+125oC-
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
20
pF
+125oC-
-
20
pF
Pulse Width Time
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC
5.5
-
-
ns
+125oC6
-
-
ns
Setup Time
TSU
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC
3.5
-
-
ns
+125oC4
-
-
ns
Hold Time
TH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC
3.5
-
-
ns
+125oC4
-
-
ns
Maximum Frequency
CP
FMAX
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1
+25oC
0
-
75
MHz
+125oC
0
-
75
MHz
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518828



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com