Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP265EG Datasheet(PDF) 34 Page - Power Integrations, Inc.

Part # TOP265EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP265EG Datasheet(HTML) 34 Page - Power Integrations, Inc.

Back Button TOP265EG Datasheet HTML 30Page - Power Integrations, Inc. TOP265EG Datasheet HTML 31Page - Power Integrations, Inc. TOP265EG Datasheet HTML 32Page - Power Integrations, Inc. TOP265EG Datasheet HTML 33Page - Power Integrations, Inc. TOP265EG Datasheet HTML 34Page - Power Integrations, Inc. TOP265EG Datasheet HTML 35Page - Power Integrations, Inc. TOP265EG Datasheet HTML 36Page - Power Integrations, Inc. TOP265EG Datasheet HTML 37Page - Power Integrations, Inc. TOP265EG Datasheet HTML 38Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Rev. E 08/12
34
TOP264-271
www.powerint.com
Typical Performance Characteristics (cont.)
Figure 50. C
OSS vs. DRAIN Voltage.
Figure 51. DRAIN Capacitance Power.
Figure 52. Remote-OFF DRAIN Supply Current vs. Temperature.
0
100
200
300
400
500
600
10
100
1000
10000
Drain Pin Voltage (V)
TOP271
1.62
TOP270
1.42
TOP269
1.17
TOP268
1.00
TOP267
0.85
TOP266
0.61
TOP265
0.42
TOP264
0.32
Scaling Factors:
500
400
200
100
300
0
0
200
100
400 500 600
300
700
Drain Pin Voltage (V)
132 kHz
66 kHz
TOP271
1.62
TOP270
1.42
TOP269
1.17
TOP268
1.00
TOP267
0.85
TOP266
0.61
TOP265
0.42
TOP264
0.32
Scaling Factors:
1.2
0.8
1.0
0
-50
0
-25
50
25
100
75
125 150
Junction Temperature (
°C)
0.2
0.4
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com